Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM50UD08 Datasheet(PDF) 4 Page - XP Power Limited

Part # PCM50UD08
Description  AC-DC Power Supplies
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

PCM50UD08 Datasheet(HTML) 4 Page - XP Power Limited

  PCM50UD08 Datasheet HTML 1Page - XP Power Limited PCM50UD08 Datasheet HTML 2Page - XP Power Limited PCM50UD08 Datasheet HTML 3Page - XP Power Limited PCM50UD08 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
7.08 (180.0)
AC INPUT
IEC 320 INLET
POWER LED
DC OUTPUT
8 PIN PLUG
8
6
1
4
2
5
3
7
PCM120
19-May-06
Models and Ratings
Mechanical Details
Notes
1. Peak current is 5 seconds maximum duration with a 10% duty cycle.
PIN CONNECTIONS
Pin
All models
1
Return
2
Return
3
Output +V
4
Return
5
Output +V
6
Return
7
Output +V
8
Output +V
Notes:
1. Cable length is 72.0” (1.83m) approx.
2. Optional output connectors available, contact
sales office.
All dimensions are in inches (mm)
Weight: 1.90 lb (860 g) approx.
Tolerance: 0.04 (1.0) maximum
Maximum
Output Power
Output Voltage
Output Current
Peak Current(1)
Model Number
108 W
12.0 V
9.00 A
15.00 A
PCM120PS12†*
113 W
15.0 V
7.50 A
10.00 A
PCM120PS15†*
120 W
18.0 V
6.50 A
9.00 A
PCM120PS18†*
120 W
24.0 V
5.00 A
7.00 A
PCM120PS24†*
120 W
48.0 V
2.50 A
4.00 A
PCM120PS48†*
Derating Curve
100
50
0
10
20
30
40
50
60
Ambient Temperature (˚C)
† Available from Farnell InOne. See pages 236-237
*Available from Newark InOne. See page 238



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com