Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EB-HTB Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # EB-HTB
Description  High-Accuracy Temperature Sensor Boards DMS-30PC/LCD-0 Meters
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

EB-HTB Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  EB-HTB Datasheet HTML 1Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DATEL, Inc., Mansfield, MA 02048 (USA)
• Tel: (508)339-3000, (800)233-2765 Fax: (508)339-6356 • Email: sales@datel.com • Internet: www.datel.com
DATEL makes no representation that the use of its products in the circuits described herein, or the use of other technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein
do not imply the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without notice. The DATEL logo is a registered DATEL, Inc. trademark.
®®
DMS-EB-HTB
High-Accuracy
Temperature Sensor Boards
DMS-30PC/LCD-0 Meters
Features
DS-0399B
03/01
Actual Size
• Accepts inputs from user-supplied
solid-state temperature sensors
• Available in °C or °F output readings
• 6-wire screw-type terminal block
• Measures temperatures from
–55 to +150°C (–67 to +199.9°F)
• Use with DMS-30PC/LCD-0 meters
Ordering Information
DMS-EB-HTBC
High-accuracy temperature
probe board, Celsius
DMS-EB-HTBF
High-accuracy temperature
probe board, Fahrenheit
DMS-BZL1
Bezel assembly
DMS-BZL2
Bezel assembly with sealing gasket
Functional Specifications (TA = 25°C, VCC = +5V)
Order online at www.datel.com
Description: The DMS-EB-HTB Application Boards accept inputs from user-
supplied, AD590 solid-state temperature sensors. The boards can be used with
any of DATEL's ±200mV, 5V-powered DMS-30PC/LCD-0 Series, 3½ Digit, LED/
LCD Display, Digital Panel Voltmeters — although better performance can be
achieved with either LCD or low-power LED models. This meter/board combination
provides extremely accurate (±0.3°C) temperature measurements over the range
of –55 to +150°C(with DMS-EB-HTBC) or –67 to +199.9°F (DMS-EB-HTBF).
Individual reference-adjust and probe-adjust potentiometers allow for "fine tuning"
the AD590 output to precisely match the selected meter. A 6-wire, screw-type
terminal block provides for quick, reliable, signal and power connections.
Calibration: R4 (Reference Adjust) is factory-calibrated to +459.8mV for °F
and +273.2mV for °C (do not readjust). This measurement is taken between TB1
(pin 6) and pin 12 of the DMS-30PC/LCD-0. R1 (Probe Adjust) requires customer
adjustment since every sensor has a slightly different zero offset. Calibration is
simple: connect the sensor leads to TB1 and adjust R1 until the DMS-30's display
matches a selected reference temperature indicator.
Figure 1. DMS-EB-HTB Schematic Diagram
Measurement Range:
DMS-EB-HTBC
–55 to +150°C
DMS-EB-HTBF
–67 to +199.9°F
Sensor Type
AD590 active linear device
Accuracy:
Typical
±0.3°C (or °F)
Maximum
±1.0°C (or °F)
Operating Voltage Range
+5V (±10%)
Input Current (Board only):
Typical
+0.8mA
Maximum
+1.0mA
Sensor Lead Length
3 feet, maximum
Operating Temperature Range
0 to +60°C
Storage Temperature Range
–20 to +75°C
Humidity (non-condensing)
0 to 95%,
Dimensions
2.02" (51.31mm)L
0.83"(21.08mm)W
R4
R1
1
12
TB1
1
R2
R6
R5
R3
PROBE
CAL.
REF.
CAL
U1
(–) INPUT LO
(+) INPUT HI
REF. OUT
REF. IN
12
11
8
7
10
9
TB1
AD590
Temperature Probe
(user supplied)
R1
200
DP 3
+5V SUPPLY
3
4
5
6
2
1
5V RETURN
HTBF
HTBC
R2
1.74k
953
R3
6.65k
8.66k
R5
4.53k
2.74k
PROBE
CAL.
R2
REF.
CAL.
R3
R5
R4
2k
R6
3.9k
U1
1.23V
REF.
12
5
6
+
+
+5V
SUPPLY
5V
RETURN


Similar Part No. - EB-HTB

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
EB-10RTD-D REDLION-EB-10RTD-D Datasheet
1Mb / 4P
Ethernet I/O Modules
logo
List of Unclassifed Man...
EB-120 ETC-EB-120 Datasheet
392Kb / 13P
20W Class D Single Channel Audio Amplifier
logo
Festo Corporation.
EB-145-100 FESTO-EB-145-100 Datasheet
90Kb / 1P
Bellow cylinder
EB-145-60 FESTO-EB-145-60 Datasheet
108Kb / 1P
Bellow cylinder
EB-165-125 FESTO-EB-165-125 Datasheet
103Kb / 1P
Bellow cylinder
More results

Similar Description - EB-HTB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DMS-EB-RMS ETC-DMS-EB-RMS Datasheet
153Kb / 1P
AC-to-RMS Converter Application Board for DMS-30PC/LCD Meters
logo
Murata Manufacturing Co...
DMS-EB2 MURATA-DMS-EB2 Datasheet
283Kb / 4P
Multi-Purpose Application Board for DMS-20PC/LCD Meters
EB-ACDC MURATA-EB-ACDC Datasheet
169Kb / 4P
100-264Vac Power Supply Accessory Board for DMS-30PC/LCD Panel Meters
EB-DCDC MURATA-EB-DCDC Datasheet
136Kb / 2P
DC/DC Converter and Isolation Board for DMS-30PC/LCD Meters
EB-RMS MURATA-EB-RMS Datasheet
149Kb / 2P
AC-to-RMS Converter Application Board for DMS-30PC/LCD Meters
EB-TCJ MURATA-EB-TCJ Datasheet
103Kb / 1P
Thermocouple Input Application Boards for DMS-30PC/LCD Meters
logo
Linear Dimensions Semic...
DC2126A LINEAR_DIMENSIONS-DC2126A Datasheet
724Kb / 10P
High-Accuracy Wireless Temperature Sensor
logo
Seiko Instruments Inc
S-5852ABCAC-A8T1U4 SII-S-5852ABCAC-A8T1U4 Datasheet
1Mb / 15P
HIGH-ACCURACY DIGITAL TEMPERATURE SENSOR
logo
Greystone Energy System...
PS-HATSBB GREYSTONE-PS-HATSBB Datasheet
157Kb / 2P
HIGH ACCURACY DUCT TEMPERATURE SENSOR
PS-HATSOS GREYSTONE-PS-HATSOS Datasheet
256Kb / 2P
HIGH ACCURACY OUTSIDE TEMPERATURE SENSOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com