Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F1SQ-R10-GT Datasheet(PDF) 1 Page - RCD COMPONENTS INC.

Part # F1SQ-R10-GT
Description  MINIATURE POWER FILM RESISTORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RCD [RCD COMPONENTS INC.]
Direct Link  http://www.rcdcomponents.com
Logo RCD - RCD COMPONENTS INC.

F1SQ-R10-GT Datasheet(HTML) 1 Page - RCD COMPONENTS INC.

  F1SQ-R10-GT Datasheet HTML 1Page - RCD COMPONENTS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Industry’s smallest power film resistors!
Increased power is achieved by a special film process and
high grade alumina cores. The unique structure of these
materials also achieves increased working voltages and
superior pulse capability compared to typical film resistors.
The low inductance inherent in film construction enables use
at high frequencies thereby fulfilling a wider range of
applications compared to wirewound resistors. Series MG
are desgned for precision and semi-precision applications,
with tolerances available to 0.1% and TC’s available to
25ppm. Series FS are designed for semi-precision and
general purpose 1% to 5% applications (1% to 5% tolerance
with typical TC stability of 100ppm). Series FS resistors also
feature a flameproof coating as standard (optional on MG
series). Marking is stamped or color banded.
FEATURES
MINIATURE POWER FILM RESISTORS
SPECIFICATIONS
TYPICAL PERFORMANCE
MG SERIES - 1/2W & 1W
FS SERIES - 1W, 2W, 3W
*
Working voltage determined by E= (PR)1/2 , E not to exceed Max Voltage Rating. Consult factory for short time overload or surge voltage capability.
** Lead length dimension is for bulk packaged parts, consult Taping specifications for parts supplied on Tape&Reel
D
C
R
e
p
y
T
e
g
a
t
t
a
W
e
c
n
a
t
s
i
s
e
R
e
g
n
a
R
e
g
a
t
l
o
V
x
a
M
*
g
n
i
t
a
R
c
i
r
t
c
e
l
e
i
D
h
t
g
n
e
r
t
S
]
8
.
[
5
2
0
.
±
L
D
]
6
.
[
5
2
0
.
±
d
]
8
0
.
[
3
0
0
.
±
*
*
)
.
n
i
M
(
H
2
/
1
G
MC
°
5
2
@
W
2
/
11
M
1
o
tV
0
0
2V
0
5
2]
1
8
.
3
[
0
5
1
.]
8
6
.
1
[
6
6
0
.]
5
4
.
[
8
1
0
.]
4
2
[
5
4
9
.
1
G
MC
°
5
2
@
W
11
.
0
M
1
o
tV
0
5
2V
0
0
5]
5
3
.
6
[
0
5
2
.]
3
.
2
[
0
9
0
.]
6
.
[
4
2
0
.]
4
2
[
5
4
9
.
S
1
FC
°
0
7
@
W
11
.
0
M
1
o
tV
0
5
3V
0
5
3]
5
3
.
6
[
0
5
2
.]
3
.
2
[
0
9
0
.]
6
.
[
4
2
0
.]
4
2
[
5
4
9
.
S
2
FC
°
0
7
@
W
21
.
0
M
1
o
tV
0
0
4V
0
0
5]
7
6
.
0
1
[
0
2
4
.]
0
.
4
[
9
5
1
.]
8
.
[
1
3
0
.]
7
.
1
3
[
5
2
.
1
S
3
FC
°
0
7
@
W
31
.
0
M
1
o
tV
0
0
5V
0
0
5]
7
.
4
1
[
0
8
5
.]
8
0
.
5
[
0
0
2
.]
8
.
[
1
3
0
.]
7
.
1
3
[
5
2
.
1
1
(
s
n
o
i
t
a
c
i
f
i
c
e
p
S
)
K
0
0
1
-s
e
i
r
e
S
G
Ms
e
i
r
e
S
S
F
t
n
e
i
c
i
f
f
e
o
C
e
r
u
t
a
r
e
p
m
e
T
,
.
p
y
t
C
°
/
m
p
p
0
0
1
±
.
l
i
a
v
a
m
p
p
0
5
&
5
2
.
p
y
t
C
°
/
m
p
p
0
0
1
±
)
.
n
i
m
(
.
s
i
s
e
R
n
o
i
t
a
l
u
s
n
IM
0
0
0
,
0
1
M
0
0
0
,
0
1
)
s
r
u
o
h
0
0
0
1
(
e
f
i
L
d
a
o
L%
1
±%
5
±
d
a
o
l
r
e
v
O
e
m
i
t
-
t
r
o
h
S%
5
.
0
±%
5
.
0
±
g
n
il
c
y
C
e
r
u
t
a
r
e
p
m
e
T%
5
.
0
±%
1
±
e
c
n
a
t
s
i
s
e
R
e
r
u
t
s
i
o
M%
1
±%
2
±
n
o
i
t
a
r
b
i
V
d
n
a
k
c
o
h
S%
2
.
0
±%
2
.
0
±
g
n
i
r
e
d
l
o
S
f
o
t
c
e
f
f
E%
5
.
0
±%
5
.
0
±
t
n
e
i
c
i
f
f
e
o
C
e
g
a
t
l
o
VV
/
%
1
0
0
.
<V
/
%
1
0
0
.
<
e
g
n
a
R
.
p
m
e
T
g
n
i
t
a
r
e
p
OC
5
7
1
+
o
t
C
°
5
5
-C
°
0
0
2
+
o
t
C
°
5
5
-
Miniature sizes enable significant space savings
Replaces wirewound types at reduced cost
0.1
Ω to 1 Meg, standard tolerances: ±1%, ±2%, ±5%
(Series MG available to 0.1%)
All sizes available on horizontal or vertical tape
OPTIONS
Options include increased voltages, custom marking, cut &
formed leads, high pulse (Opt. P), molded version (Opt. 49),
TC’s to 25ppm, Sn-Pb terminations, Military screening, etc.
D
L
H
d
RESISTORS CAPACITORS COILS DELAY LINES
FA070B
Sale of this product is in accordance with GF-061. Specifications subject to change without notice.
25
50
75
100 125 150 175 200
AMBIENT TEMPERATURE (°C)
DERATING
A= MG Series
B= FS Series
100
75
50
25
0
B
A
RCD Components Inc, 520 E.Industrial Park Dr, Manchester, NH, USA 03109 rcdcomponents.com Tel: 603-669-0054 Fax: 603-669-5455 Email:sales@rcdcomponents.com
65
P/N DESIGNATION:
F1S
- 102 - J T
W
RCD Type
Packaging: B = Bulk, T = Tape & Reel
Tolerance Code: J=5%, G=2%, F=1%. In addition, tolerances
of 0.5%(D), 0.25%(C), and 0.1%(B) are available on MG Series
Resis.Code 0.1% - 1%: 3 signif. digits & multiplier
(R100=0.1
Ω,1R00=1Ω,10R0=10Ω,1000=100Ω,
1001=1K,1002=10K, 1003=100K,1004=1M
)
Resis.Code 2%-5%: 2 signif. figures & multiplier
(R10=0.1
Ω,1R0=1Ω,100=10Ω,101=100Ω,102=1K,105=1M)
Option Codes: Q, P, etc. (leave blank if std)
Optional Temp. Coefficient: 25=25ppm, 50=50ppm,
101=100ppm, 201=200ppm (leave blank for standard)
Termination: W= Lead-free, Q= Tin/Lead
(leave blank if either is acceptable)
RoHS
Term.W is
RoHS
compliant
& 260°C
compatible


Similar Part No. - F1SQ-R10-GT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
F1S1R NXP-F1S1R Datasheet
389Kb / 21P
SSL1523 high power factor 5 W LED driver for universal
Rev. 01-3 August 2010
logo
VBsemi Electronics Co.,...
F1S30P05 VBSEMI-F1S30P05 Datasheet
198Kb / 7P
P-Channel 60-V (D-S) MOSFET
More results

Similar Description - F1SQ-R10-GT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HMA0207 VISHAY-HMA0207 Datasheet
115Kb / 2P
Metal Film Resistors, Power Type, Miniature
02-Aug-02
logo
List of Unclassifed Man...
CFR ETC1-CFR Datasheet
52Kb / 2P
Carbon Film Resistors Normal & Miniature Style
MFR ETC1-MFR Datasheet
36Kb / 2P
Metal Film Resistors Normal & Miniature Style
MP312 ETC2-MP312 Datasheet
107Kb / 1P
Power Film Resistors
MS126 ETC2-MS126 Datasheet
233Kb / 2P
Power Film Resistors
logo
Riedon Powertron
NPR2-T126 RIEDON-NPR2-T126 Datasheet
293Kb / 2P
Power Film Resistors
logo
HOKURIKU ELECTRIC INDUS...
E0111AA HOKURIKU-E0111AA Datasheet
42Kb / 1P
Miniature Paint Insulated Carbon Film Fixed Resistors
E011202 HOKURIKU-E011202 Datasheet
36Kb / 1P
Miniature Paint Insulated Metal Film Fixed Resistors
E011203 HOKURIKU-E011203 Datasheet
107Kb / 3P
Miniature Glazed Metal Film Fixed Resistors
logo
KOA Speer Electronics, ...
SF18YC1003B KOA-SF18YC1003B Datasheet
420Kb / 2P
insulated super miniature precision metal film resistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com