Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KMP_766 Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # KMP_766
Description  Pulse Transformers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

KMP_766 Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  KMP_766 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. KMP_766 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. KMP_766 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
KMP_766C_B02 Page 3 of 3
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
www.murata-ps.com
766 Series
Pulse Transformers
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other
technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply
the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without
notice.
© 2008 Murata Power Solutions, Inc.
USA:
Mansfield (MA), Tel: (800) 233 2765, email: sales@murata-ps.com
Canada: Toronto, Tel: (866) 740 1232, email: toronto@murata-ps.com
UK:
Milton Keynes, Tel: +44 (0)1908 615232, email: mk@murata-ps.com
France:
Montigny Le Bretonneux, Tel: +33 (0)1 34 60 01 01, email: france@murata-ps.com
Germany: München, Tel: +49 (0)89-544334-0, email: ped.munich@murata-ps.com
Japan:
Tokyo, Tel: 3-3779-1031, email: sales_tokyo@murata-ps.com
Osaka, Tel: 6-6354-2025, email: sales_osaka@murata-ps.com
Website: www.murata-ps.jp
China:
Shanghai, Tel: +86 215 027 3678, email: shanghai@murata-ps.com
Guangzhou, Tel: +86 208 221 8066, email: guangzhou@murata-ps.com
Murata Power Solutions, Inc.
11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A.
Tel: (508) 339-3000 (800) 233-2765 Fax: (508) 339-6356
www.murata-ps.com email: sales@murata-ps.com ISO 9001 REGISTERED
TECHNICAL NOTES
ISOLATION VOLTAGE
‘Hi Pot Test’, ‘Flash Tested’, ‘Withstand Voltage’, ‘Proof Voltage’, ‘Dielectric Withstand
Voltage’ & ‘Isolation Test Voltage’ are all terms that relate to the same thing, a test
voltage, applied for a specified time, across a component designed to provide electrical
isolation, to verify the integrity of that isolation.
All products in this series are 100% production tested at their stated isolation voltage.
A question commonly asked is, “What is the continuous voltage that can be applied
across the part in normal operation?”
For a part holding no specific agency approvals both input and output should normally
be maintained within SELV limits i.e. less than 42.4V peak, or 60VDC. The isolation test
voltage represents a measure of immunity to transient voltages and the part should
never be used as an element of a safety isolation system. The part could be expected
to function correctly with several hundred volts offset applied continuously across the
isolation barrier; but then the circuitry on both sides of the barrier must be regarded
as operating at an unsafe voltage and further isolation/insulation systems must form
a barrier between these circuits and any user-accessible circuitry according to safety
standard requirements.
REPEATED HIGH-VOLTAGE ISOLATION TESTING
It is well known that repeated high-voltage isolation testing of a barrier component
can actually degrade isolation capability, to a lesser or greater degree depending on
materials, construction and environment. This series has toroidal isolation transformers,
with no additional insulation between primary and secondary windings of enameled
wire. While parts can be expected to withstand several times the stated test voltage,
the isolation capability does depend on the wire insulation. Any material, including this
enamel (typically polyurethane) is susceptible to eventual chemical degradation when
subject to very high applied voltages thus implying that the number of tests should be
strictly limited. We therefore strongly advise against repeated high voltage isolation
testing, but if it is absolutely required, that the voltage be reduced by 20% from speci-
fied test voltage.
This consideration equally applies to agency recognized parts rated for better than
functional isolation where the wire enamel insulation is always supplemented by a
further insulation system of physical spacing or barriers.
PACKAGE SPECIFICATIONS (continued)
PIN CONNECTION STYLE - 6 PIN DIP (TOP VIEW)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com