Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VR100B080CU-2C Datasheet(PDF) 2 Page - Murata Power Solutions Inc.

Part # VR100B080CU-2C
Description  DC/DC Converter Programmable, Single Output, 0.8375V - 1.600Vout @ 80A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

VR100B080CU-2C Datasheet(HTML) 2 Page - Murata Power Solutions Inc.

  VR100B080CU-2C Datasheet HTML 1Page - Murata Power Solutions Inc. VR100B080CU-2C Datasheet HTML 2Page - Murata Power Solutions Inc. VR100B080CU-2C Datasheet HTML 3Page - Murata Power Solutions Inc. VR100B080CU-2C Datasheet HTML 4Page - Murata Power Solutions Inc. VR100B080CU-2C Datasheet HTML 5Page - Murata Power Solutions Inc. VR100B080CU-2C Datasheet HTML 6Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DC/DC Converter
Programmable, Single Output, 1.1V - 1.85Vout @ 60A
DC/DC Converter
Programmable, Single Output, 0.8375V - 1.600Vout @ 80A
Notes:
1.
Vin = 12Vdc, Ta = 25°C, Airflow = 400LFM unless otherwise noted.
2.
Output Ripple Voltage is specified when measured with Intel specified capacitance at the output of the converter.
3.
Transient response is specified with Intel specified capacitors at the output of the converter.
4.
If remote sense is not required or used, the Sense(+) and Sense(-) pins must be connected to Vo(+) and Vo(-) respectively.
5.
User will select the appropriate Load Line through the LL0 and LL1 signals. LL0 and LL1 signals are TTL compatible. The
default state is a 1.25mOhm Load Line.
6.
VRM_PRES and VRM_ID are connected to Vss on the VRM.
7.
During operation within Thermal Derating Curve boundaries.
Remote Sense Compensation Range
(4)
300
mV
Recommended Bulk Output
Capacitance
UCC 4PS560MH11 or
Panasonic EEFSDOD471R
10
EA
Table 3:
Protection Characteristics
Notes and Conditions (1)
Min
Typ
Max
Units
Output Overcurrent Shutdown
Latching
83
120
A
Overvoltage Shutdown
Above VID
90
200
mV
Overtemperature Indicator
Non-Latching, at hot spots
Worst case junction temperature
125
°C
Load Indicator
VID = 1.325, 0A Load, LL1 = 1
VID = 1.325, 100A Load, LL1 = 1
1
3
V
V
VID = 1.325, 0A Load, LL1 = 0
VID = 1.325, 100A Load, LL1 = 0
1
3.75
V
V
Table 4:
General Characteristics
Notes and Conditions (1)
Min
Typ
Max
Units
Storage Temperature Range
Non-condensing
-40
70
°C
Operating Ambient Temperature
Range (7)
065
°C
Semiconductor Junction Temperature
Package rated to 150°C
110
°C
Material Flammability
UL 94V-0
MTBF
Calculated (RAC PRISM) @ 45°C
0.93
x106 Hrs
Switching Frequency
Per phase
300
KHz
Dimensions
3.8”L x 1.18”H x 0.475”W
Weight
30
g
Table 5:
Adaptive Voltage Positioning
Notes and Conditions (1)
Min
Typ
Max
Units
Voltage Droop for 100A Load (linear)
LL0 = X, LL1 = 0
LL0 = X, LL1 = 1
125
91
mV
Table 2:
Output Characteristics
Notes and Conditions (1)
Min
Typ
Max
Units
Technical enquiries - email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com