Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VR102B150CS-2C Datasheet(PDF) 3 Page - C&D Technologies

Part # VR102B150CS-2C
Description  DC/DC Converter Programmable, Single Output, 0.8375V - 1.600Vout @ 150A
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

VR102B150CS-2C Datasheet(HTML) 3 Page - C&D Technologies

  VR102B150CS-2C Datasheet HTML 1Page - C&D Technologies VR102B150CS-2C Datasheet HTML 2Page - C&D Technologies VR102B150CS-2C Datasheet HTML 3Page - C&D Technologies VR102B150CS-2C Datasheet HTML 4Page - C&D Technologies VR102B150CS-2C Datasheet HTML 5Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DC/DC Converter
Programmable, Single Output, 1.1V - 1.85Vout @ 60A
DC/DC Converter
Programmable, Single Output, 0.8375V - 1.600Vout @ 150A
4118 14th Avenue, Unit 4
4607 S.E. International Way
Markham, Ontario L3R 0J3
Milwaukie, Oregon 97222
1-905-944-2850
www.cd4power.com
1-971-206-2800
VR102B150CS-2C_084-20921-01C_RevB_Mar16-2006.fm
3 of 5
Mechanical Information
Figure 1
Recommended Interface Connector Options
Tyco/Elcon
283-0172-01303 (Solder Tail, Long)
283-0172-02303 (Solder Tail, Short)
284-0202-03003 (Surface Mount)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com