Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HPR100WC Datasheet(PDF) 2 Page - Murata Power Solutions Inc.

Part # HPR100WC
Description  0.75 Watt Single Output DC/DC Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

HPR100WC Datasheet(HTML) 2 Page - Murata Power Solutions Inc.

  HPR100WC Datasheet HTML 1Page - Murata Power Solutions Inc. HPR100WC Datasheet HTML 2Page - Murata Power Solutions Inc. HPR100WC Datasheet HTML 3Page - Murata Power Solutions Inc. HPR100WC Datasheet HTML 4Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
The surface mount versions of the HPR1XXWC series are designed for SMT reflow soldering.
During this standard process devices should be heated at a rate not to exceed 3 degrees C per
second. The peak reflow temperature is 260 degrees C. The device should not be exposed to the
peak temperature ±10 degrees C for more than 12 seconds. The cool down rate for this device
should not exceed 3 degrees C per second.
SOLDERING INFORMATION
SPECIFICATIONS, ALL MODELS
Specifications are at T
A = +25°C nominal input voltage unless otherwise specified.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
INPUT
Voltage Range
4.5
5
5.5
VDC
10.8
12
13.2
VDC
13.5
15
16.5
VDC
21.6
24
26.4
VDC
Voltage Rise Time See Typical Performance Curves & Application Notes: “Capacitive Loading Effects on Start-Up of DC/DC Converters”
OUTPUT
Rated Power
750
mW
Voltage Setpoint Accuracy
Rated Load, Nominal V
IN
±5
%
Ripple & Noise
BW = DC to 10MHz
150
200
mVp-p
BW =10Hz to 2MHz
30
40
mVrms
Voltage (Over Input Voltage Range) 1mAto Rated Current, V
OUT =
5V
4.75
7
VDC
1mAto Rated Current, V
OUT = 12V
11.40
15
VDC
1mAto Rated Current, V
OUT = 15V
14.25
18
VDC
Temperature Coefficent
.01
.05
%/ °C
REGULATION
Load Regulation (All other modes)
Rated Load to 1mA Load
3
%
GENERAL
ISOLATION
Rated Voltage
750
VDC
Test Voltage
60 Hz, 10 Seconds
750
Vrms
Resistance
10
G
Ω
Capacitance
25
100
pF
Leakage Current
V
ISO= 240VAC, 60Hz
2
8.5
μArms
Switching Frequency
170
kHz
Frequency Change
Over Line and Load
24
%
Package Weight
3
g
MTTF per MIL-HDBK-217, Rev. F*
Circuit Stress Method
Ground Benign
T
A = +25°C
7.9
MHr
Fixed Ground
T
A = +35°C
1.9
MHr
Naval Sheltered
T
A = +35°C
1.2
MHr
Airborne Uninhabited Fighter
T
A = +35°C
300
kHr
Moisture Sensitivity Level (MSL)
IPC/JEDEC J-STD-20
2
TEMPERATURE
Specification
-25
+25
+85
°C
Operation
-40
+100
°C
Storage
-40
+110
°C
TDC_HPR1xxWC.B01 Page 2 of 4
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
HPR1XXWC Series
0.75 Watt Single Output DC/DC Converter



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com