Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFG2X-101 Datasheet(PDF) 1 Page - RCD COMPONENTS INC.

Part # SFG2X-101
Description  4-TERMINAL SURFACE MOUNT
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RCD [RCD COMPONENTS INC.]
Direct Link  http://www.rcdcomponents.com
Logo RCD - RCD COMPONENTS INC.

SFG2X-101 Datasheet(HTML) 1 Page - RCD COMPONENTS INC.

  SFG2X-101 Datasheet HTML 1Page - RCD COMPONENTS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Industry’s widest range! Values from .001
Ω-5KΩ,
tolerances to ±0.01%, TC’s to 5ppm, 1W to 3W
Excellent for current sensing applications
Available on exclusive SWIFT TM delivery program!
OPTIONS
Option X: Low inductance design
Option P: Increased pulse capability
Option E: Low thermal EMF design
Also available: burn-in, leaded version, custom-marking,
increased current rating, matched sets, etc.
4-TERMINAL SURFACE MOUNT
SF SERIES
TYPICAL PERFORMANCE SPECIFICATIONS
* SFG2 capable of 3W dissipation with consideration of pcb layout and pad geometry
RCD’s Series SF resistors feature an all-welded “Kelvin” 4-
terminal design in a surface mount package, reducing the
effects of lead resistance. High -temperature case provides
excellent environmental protection. Series SF utilizes the
same technology as our popular Series LVF leaded
resistors with over 30 years of proven experience.
e
c
n
a
t
s
i
s
e
R
)
s
m
h
o
(
e
l
b
a
l
i
a
v
A
s
e
c
n
a
r
e
l
o
T
.
f
e
o
C
p
m
e
T
d
r
a
d
n
a
t
S
)
C
T
l
a
n
o
i
t
p
O
(
9
4
0
0
.
-
1
0
0
.%
0
1
-
%
1
C
°
/
m
p
p
0
0
6
)
m
p
p
0
5
,
0
0
1
,
0
0
2
,
0
0
3
(
9
9
0
0
.
-
5
0
0
.%
0
1
-
%
5
.
C
°
/
m
p
p
0
0
6
)
m
p
p
5
2
,
0
5
,
0
0
1
,
0
0
2
(
4
2
0
.
-
1
0
.%
0
1
-
%
5
2
.
C
°
/
m
p
p
0
0
2
)
m
p
p
5
2
,
0
5
,
0
0
1
(
9
4
0
.
-
5
2
0
.%
0
1
-
%
1
.
C
°
/
m
p
p
0
5
1
)
m
p
p
5
2
,
0
5
,
0
0
1
(
9
9
0
.
-
5
0
.%
0
1
-
5
0
.
C
°
/
m
p
p
0
9
)
m
p
p
5
1
,
5
2
,
0
5
(
9
9
.
-
1
.%
0
1
-
%
2
0
.
C
°
/
m
p
p
0
5
)
m
p
p
0
1
,
5
1
,
5
2
(
e
v
o
b
a
d
n
a
m
h
O
1%
0
1
-
%
1
0
.
C
°
/
m
p
p
0
3
)
m
p
p
5
,
0
1
,
0
2
(
.
p
m
e
T
g
n
i
t
a
r
e
p
OC
°
5
7
1
+
o
t
°
5
5
-
h
t
g
n
e
r
t
S
c
i
r
t
c
e
l
e
i
D.
n
i
M
V
0
5
2
d
a
o
l
r
e
v
O
e
m
i
t
-
t
r
o
h
Sc
e
S
5
,
W
d
e
t
a
r
x
5
e
c
n
a
t
s
i
s
e
R
e
r
u
t
s
i
o
M%
5
.
e
r
u
s
o
p
x
E
.
p
m
e
T
h
g
i
H%
2
.
)
s
r
u
o
h
0
0
0
1
(
e
f
i
L
d
a
o
L%
1
g
n
il
c
y
C
e
r
u
t
a
r
e
p
m
e
T%
5
.
n
o
i
t
a
r
b
i
V
d
n
a
k
c
o
h
S%
1
.
25
50
75
100
125
150
175
DERATING CURVE
AMBIENT TEMPERATURE (°C)
100
75
50
25
0
D
C
R
e
p
y
T
e
g
a
t
t
a
W
C
°
5
2
@
.
x
a
M
t
n
e
r
r
u
C
e
c
n
a
t
s
i
s
e
R
e
g
n
a
R
1
F
SW
1A
0
1K
4
o
t
1
0
0
.
2
G
F
S*
W
3
-
W
2A
5
1K
5
o
t
1
0
0
.
SF1
.125
[3.18]
.275 [7]
←
→
←
→
←
→
←
→
←
→ ↓
↑
END
VIEW
.350 [8.89]
←
→
←
→
←
→
←
→
←
→
SIDE VIEW
←
→
←
→
←
→
←
→
←
→
.03 [.76]
→
.270
[6.86]
PAD LAYOUT
.10
[2.54]
.08 [2]
←
→
↓
↑
↑
↓
123
123
123
12
12
12
123
123
123
12
12
12
.22
[5.6]
.120 [3]
SCHEMATIC
SFG2
PAD LAYOUT
FA060A
Sale of this product is in accordance with GF-061. Specifications subject to change without notice.
→ ←
→ ←
.050
[1.25]
V
1
V
2
C
1
C
2
←→
.040
.115
←→
.250
[6.35]
←
→
.35 [8.9]
Max.
.260
[6.6]
↓
↑
ENDVIEW
←
→
←
→
.590 [15]
.827 [21] Max.
.420
[10.7]
←
→
SIDE VIEW
←
→
V
1
V
2
C
1
C
2
.062 [1.6]
→ ←
→ ←
→ ←
→ ←
→ ←
↓
↑
.085
[2.16]
SCHEMATIC
.630 [16]
.06 [1.5]
.024 [.6]
.13
[3.3]
→ ←
12
12
12
12
12
12
12
12
1234
1234
1234
1234
1234
1234
↓
↑
.14 [3.6]
.09 [2.3]
→
←
.12 [3]
→ ←
.33 [8.4]
→
→
RCD Components Inc, 520 E.Industrial Park Dr, Manchester, NH, USA 03109 rcdcomponents.com Tel: 603-669-0054 Fax: 603-669-5455 Email:sales@rcdcomponents.com
RESISTORS CAPACITORS COILS DELAY LINES
25
P/N DESIGNATION:
SF1
- R001 - J T
W
Optional TC (leave blank for std): 5=5ppm, 10=10ppm, 20 = 20ppm,
etc; 100ppm and above use 3-digit code: 101=100ppm, 201=200ppm, etc.
RCD Type (SF1 or SFG2)
Packaging: B = Bulk, T = Tape & Reel
Tolerance Code: K=10%, J=5%, H=3%, G=2%, F=1%,
D=0.5%, C=0.25%, B=0.1%, A=0.05%, Q=0.02%, T=0.01%
Resis. Code .01% -1%: 3 signif. figures & multiplier, R001=.001
Ω,
R010=.01
Ω, R100= .1Ω,1R00=1Ω,10R0=10Ω, 1000=100Ω,1001=1K
Resis. Code 2% - 10%: 2 signif. figures & multiplier, R001=.001
Ω,
R01=.01
Ω, R10= 0.1Ω,1R0= 1Ω,100= 10Ω,101=100Ω, 102= 1KΩ.
Use extra digits as needed (R0125, R0075, etc).
Options: X,E, etc (leave blank if standard)
Termination: W= Lead-free, Q= Tin/Lead (leave blank if either is acceptable,
in which case RCD will select based on lowest price and quickest delivery
RoHS
Term.W is
RoHS
compliant
& 260°C
compatible


Similar Part No. - SFG2X-101

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SFG20ED100 SECOS-SFG20ED100 Datasheet
989Kb / 2P
Voltage 100V ~ 600V 20.0 Amp Super Fast Rectifier
SFG20ED100F SECOS-SFG20ED100F Datasheet
740Kb / 2P
Voltage 100V ~ 600V 20.0 Amp Super Fast Rectifier
SFG20SD100F SECOS-SFG20SD100F Datasheet
300Kb / 2P
Voltage 50V ~ 600V 20.0 Amp Super Fast Rectifier
SFG20SD200F SECOS-SFG20SD200F Datasheet
300Kb / 2P
Voltage 50V ~ 600V 20.0 Amp Super Fast Rectifier
SFG20SD300F SECOS-SFG20SD300F Datasheet
300Kb / 2P
Voltage 50V ~ 600V 20.0 Amp Super Fast Rectifier
More results

Similar Description - SFG2X-101

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSL3637 VISHAY-WSL3637 Datasheet
159Kb / 2P
Power Metal Strip Resistors, Low Value, Surface Mount, 4-Terminal
11-Sep-04
WSK0612 VISHAY-WSK0612 Datasheet
102Kb / 3P
Power Metal Strip® Resistors, High Power, Surface Mount, 4-Terminal
09-Nov-11
logo
Major League Electronic...
TSHSM-6-DV MAJOR-LEAGUE-TSHSM-6-DV Datasheet
119Kb / 2P
Terminal Strip Headers - Surface Mount
TSHSM-6-SM MAJOR-LEAGUE-TSHSM-6-SM Datasheet
114Kb / 2P
Terminal Strip Headers - Surface Mount
TSHSM-6-SS MAJOR-LEAGUE-TSHSM-6-SS Datasheet
111Kb / 2P
Terminal Strip Headers - Surface Mount
logo
Harwin Plc
S1751-46 HARWIN-S1751-46 Datasheet
49Kb / 1P
surface mount test terminal(loose)
S1751-46R HARWIN-S1751-46R Datasheet
86Kb / 1P
SURFACE MOUNT TEST TERMINAL
logo
Vishay Siliconix
RCWK0306 VISHAY-RCWK0306 Datasheet
355Kb / 4P
Thick Film Surface Mount Chip Resistors, Current Sensor, 4-Terminal
24-Feb-2020
WSK1206R0150FEA18 VISHAY-WSK1206R0150FEA18 Datasheet
146Kb / 4P
Power Metal Strip® Resistors, High Power, Surface Mount, 4-Terminal
Revision: 16-Feb-18
WSK1206 VISHAY-WSK1206 Datasheet
146Kb / 4P
Power Metal Strip® Resistors, High Power, Surface Mount, 4-Terminal
13-Feb-18
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com