Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSPA Datasheet(PDF) 2 Page - Communications & Power Industries, Inc.

Part # SSPA
Description  Rack-Mount Solid State Power Amplifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CPI [Communications & Power Industries, Inc.]
Direct Link  http://www.cpii.com
Logo CPI - Communications & Power Industries, Inc.

SSPA Datasheet(HTML) 2 Page - Communications & Power Industries, Inc.

  SSPA Datasheet HTML 1Page - Communications & Power Industries, Inc. SSPA Datasheet HTML 2Page - Communications & Power Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
C-Band
For more detailed information, please refer to the corresponding CPI Technical Description.
Note: Specifications may change without notice as a result of additional data or product refinement.
Please contact CPI before using this information for system design.
MKT 197, ISSUE 8
05/08
PDF
OPTIONS:
• 1 RU Remote
Control Panel
• Redundant and
Power Combined
Subsystems
• L-Band BUC
• Extended
Frequency Range
(to 6.725 GHz)
• RF Input and
Output Monitors
• Ethernet Interface
• DC Power Supply
Redundancy
Module
• External Receive
Band Reject Filter
• High Power
Transient Voltage
Surge Suppressor
(TVSS)
Certificate Number: 30515
Electrical (continued)
Group Delay
0.03 ns/MHz linear max.
(in any 80 MHz band)
0.003 ns/MHz2 parabolic max.
1.0 ns pk-pk ripple max.
Primary Power
100-240 VAC ±10%, single phase;
47-63 Hz
Power Consumption
800 W typ. for 125 W SSPA;
1500 W typ. for 225 W SSPA
Power Factor
0.95 min.
RF Output Monitor
-55 dB ±3 nom. wrt output
Environmental (Operating)
Ambient Temperature
0°C to +50°C operating
Relative Humidity
95% non-condensing
Altitude
10,000 ft. with standard adiabatic
derating of 2°C/1000 ft., operating;
50,000 ft., non-operating
High Power TVSS Option
Clamp Voltage
440 VDC (line to line protection);
560 VDC (line to ground protection)
Energy Absorption
2 ms/250 J (line to line protection)
Peak Current Shunt
10,000 A repetitive
Mechanical
Cooling
Forced air with integral blower
RF Input Connection
Type N female
RF Output Connection
CPR-137 waveguide flange,
grooved
RF Output Monitor
Type N female
Dimensions (W x H x D)
19.0 x 5.25 x 26 in.
(483 x 134 x 661 mm);
19.0 x 7.00 x 26 in.
(483 x 178 x 661 mm) with DC
Power Supply Redundancy Option
Weight
76 lbs (34.6 kg) typ., no options
SPECIFICATIONS, S5CI Rack-Mount SSPA
Electrical
Frequency Range
5.850 to 6.425 GHz (to 6.725 GHz optional)
RF Output
Saturated, min.
125 W (50.97 dBm) or 225 W (53.50 dBm)1
P1dB, min.
100 W (50.0 dBm) or 200 W (53.0 dBm)1
Small Signal Gain (at max.
70 dB min. (at max. gain setting)
Gain Adjustment Range
23 dB
Gain Setting Resolution
0.1 dB
Gain Stability
Over -10°C to +50°C
±1.5 dB
At constant temp. and drive
±0.25 dB
Small Signal Gain Slope
±0.04 dB/MHz max.
Small Signal Gain Variation
±0.3 dB pk-pk across any 40 MHz band;
±1.5 dB pk-pk across 575 MHz
Input VSWR
1.3:1 max.
Output VSWR
1.3:1 max.
3rd Order Intermod
-25 dBc max. at 3dB total backoff from P1dB
Harmonic Output
-60 dBc max. at P1dB
Spurious
-60 dBc max. at P1 dB (-55 dBc w/
BUC option
Residual AM
-50 dBc below 10 kHz
-20 [1 +log F(kHz)] dBc,
10 kHz to 500 kHz
-85 dBc above 500 kHz
Noise Power Density
-80 dBW/4 kHz in transmit band,
-135 dBW/4 kHz from 3.7 to 4.2 GHz
Phase Noise
10 dB below IESS phase noise profile, max.
AM/PM Conversion
1.0°/dB max. at 3dB backoff from P1dB
SSPA with optional redundant hot-swappable power supplies
Note 1: For 5.850 to 6.725 GHz option, output power is lower. Check technical description or
contact your CPI representative for details.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com