Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFD342 Datasheet(PDF) 1 Page - Communications & Power Industries, Inc.

Part # SFD342
Description  65 kW, Ku-band coaxial magnetron
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CPI [Communications & Power Industries, Inc.]
Direct Link  http://www.cpii.com
Logo CPI - Communications & Power Industries, Inc.

SFD342 Datasheet(HTML) 1 Page - Communications & Power Industries, Inc.

  SFD342 Datasheet HTML 1Page - Communications & Power Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Magnetrons
150 Sohier Road
Beverly, Massachusetts 01915
Beverly Microwave Division
Phone: 978-922-6000 Fax: 978-922-2736
E-Mail: marketing@bmd.cpii.com
Internet: www.cpii.com/bmd
Features:
· Frequency 16.4 – 16.5 GHz
· Peak Power Output 65 kW
· Duty Cycle .00072
· Anode Voltage 16 kV
· Anode Current 16 amps
· Pulse Width 1.2 microseconds
· Heater 12.5 volts @ 2.4 amps
· Air/conduction cooled
· Mechanically tunable
SFD 342 Magnetron
Description:
65 kW, Ku-band coaxial magnetron


Similar Part No. - SFD342

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
SFD341 CPI-SFD341 Datasheet
298Kb / 1P
250 kW, C -band coaxial magnetron
SFD349 CPI-SFD349 Datasheet
314Kb / 1P
200 kW, X-band coaxial magnetron
More results

Similar Description - SFD342

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
SFD313 CPI-SFD313 Datasheet
316Kb / 1P
1 MW C-band coaxial magnetron
SFD325 CPI-SFD325 Datasheet
310Kb / 1P
60 kW, Ku-band coaxial magnetron
SFD332 CPI-SFD332 Datasheet
312Kb / 1P
60 kW, Ka -band coaxial magnetron
SFD341 CPI-SFD341 Datasheet
298Kb / 1P
250 kW, C -band coaxial magnetron
SFD349 CPI-SFD349 Datasheet
314Kb / 1P
200 kW, X-band coaxial magnetron
SFD352 CPI-SFD352 Datasheet
295Kb / 1P
220 kW, X-band coaxial magnetron
SFD373 CPI-SFD373 Datasheet
316Kb / 1P
250 kW, C-band coaxial magnetron
SFD377C CPI-SFD377C Datasheet
317Kb / 1P
70 kW, X-band coaxial magnetron
SFD381A CPI-SFD381A Datasheet
314Kb / 1P
220 kW, X-band coaxial magnetron
SFD382 CPI-SFD382 Datasheet
314Kb / 1P
250 kW, X-band coaxial magnetron
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com