Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDS731 Datasheet(PDF) 1 Page - Zentrum Mikroelektronik Dresden AG

Part # MDS731
Description  Package PLCC28
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

MDS731 Datasheet(HTML) 1 Page - Zentrum Mikroelektronik Dresden AG

  MDS731 Datasheet HTML 1Page - Zentrum Mikroelektronik Dresden AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ZMD-Standard
November 1996
Supersedes
Edition 11.95
Package PLCC28
MDS
731
Zentrum Mikroelektronik Dresden AG
Editor: signed Schoder
Date: 18.11.1996
Doc-No.
QS-000731-HD-03
Check: signed Marx
Quality: signed Lorenz
Als Betriebsgeheimnis anvertraut. Alle Rechte vorbehalten.
Proprietary data, company confidential. All rights reserved.
Dimensions in millimetres
Based on IEC 191-2Q: Type 112E08
1Dimensions
Dimensions of Sub-Group B1
Dimensions of Sub-Group C1
Amax
4,60
Amin
4,19
bPmin
0,33
A2min
3,10
bPmax
0,53
A2max
3,96
enom
1,27
Dmin*
11,40
HDmin
12,30
Dmax*
11,60
HDmax
12,67
Emin*
11,40
HEmin
12,30
Emax*
11,60
HEmax
12,67
kmin
1,00
2Weight
£ 1,2 g
b
45°
3 Package Body Material
Low Stress Epoxy
e1min
9,90
4Lead Material
FeNi-Alloy or Cu-Alloy
e1max
10,95
5Lead Finish
solder plating
*without mold-flash
6Lead Form
J-bends
D
HD
1
28
k
e
e1
bp
0,1
0,
2 M


Similar Part No. - MDS731

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
MDS732 ZMD-MDS732 Datasheet
128Kb / 1P
Package PLCC52
MDS735 ZMD-MDS735 Datasheet
127Kb / 1P
Package PDIP28
MDS738 ZMD-MDS738 Datasheet
149Kb / 1P
Package LQFP32
MDS739 ZMD-MDS739 Datasheet
129Kb / 1P
Package SOP24
More results

Similar Description - MDS731

ManufacturerPart #DatasheetDescription
logo
Amkor Technology
PSVFBGA AMKOR-PSVFBGA Datasheet
251Kb / 2P
Package on Package (PoP) Family
logo
Zentrum Mikroelektronik...
MDS735 ZMD-MDS735 Datasheet
127Kb / 1P
Package PDIP28
MDS746 ZMD-MDS746 Datasheet
128Kb / 1P
Package PDIP32
MDS748 ZMD-MDS748 Datasheet
154Kb / 1P
Package SOP14
MDS745 ZMD-MDS745 Datasheet
136Kb / 1P
Package SOP32
MDS753 ZMD-MDS753 Datasheet
155Kb / 1P
Package SSOP16
logo
KEC(Korea Electronics)
BAV21W KEC-BAV21W Datasheet
349Kb / 1P
USC PACKAGE
BC856W KEC-BC856W_08 Datasheet
349Kb / 1P
USM PACKAGE
KDR105 KEC-KDR105_08 Datasheet
21Kb / 1P
USM PACKAGE
logo
Exar Corporation
SP6203ER-L EXAR-SP6203ER-L Datasheet
1Mb / 14P
PACKAGE SPECIFICATIO
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com