Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDS724 Datasheet(PDF) 1 Page - Zentrum Mikroelektronik Dresden AG

Part # MDS724
Description  Package PLCC84
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

MDS724 Datasheet(HTML) 1 Page - Zentrum Mikroelektronik Dresden AG

  MDS724 Datasheet HTML 1Page - Zentrum Mikroelektronik Dresden AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Als Betriebsgeheimnis anvertraut. Alle Rechte vorbehalten.
Proprietary data, company confidential. All rights reserved.
ZMD-Standard
November 1995
Supersedes
Edition 03.92
1. Amendment 02.93
Package PLCC84
MDS
724
Zentrum Mikroelektronik Dresden AG
Editor: signed Schoder
Date: 13.11.1995
Doc-No.
QS-000724-HD-02
Check: signed Wilde
Quality: signed Lorenz
Dimensions in millimetres
Based on IEC 191-2Q: Type 112E13
1Dimensions
Dimensions of Sub-Group B1
Dimensions of Sub-Group C1
Amax
5,10
Amin
4,19
bPmin
0,33
A2min
3,10
bPmax
0,53
A2max
3,91
enom
1,27
Dmin
29,13
HDmin
30,10
Dmax
29,41
HDmax
30,40
Emin
29,13
HEmin
30,10
Emax
29,41
HEmax
30,40
kmin
1,00
b
45°
2Weight
£ 6,9 g
e1min
27,68
3 Package Body Material
Low Stress Epoxy
e1max
28,70
4Lead Material
FeNi-Alloy or Cu-Alloy
5Lead Finish
solder plating
6Lead Form
J-bends
e
0,1
M
D
HD
0,2
bp
1
>
84
e1
k
Als Betriebsgeheimnis anvertraut. Alle Rechte vorbehalten.
Proprietary data, company confidential. All rights reserved.


Similar Part No. - MDS724

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
MDS720 ZMD-MDS720 Datasheet
149Kb / 1P
Package PQFP52
MDS721 ZMD-MDS721 Datasheet
151Kb / 1P
Package PQFP160
MDS722 ZMD-MDS722 Datasheet
151Kb / 1P
Package PQFP144
MDS723 ZMD-MDS723 Datasheet
145Kb / 1P
Package PLCC44
MDS726 ZMD-MDS726 Datasheet
49Kb / 1P
Package SOP8
More results

Similar Description - MDS724

ManufacturerPart #DatasheetDescription
logo
Amkor Technology
PSVFBGA AMKOR-PSVFBGA Datasheet
251Kb / 2P
Package on Package (PoP) Family
logo
Zentrum Mikroelektronik...
MDS735 ZMD-MDS735 Datasheet
127Kb / 1P
Package PDIP28
MDS746 ZMD-MDS746 Datasheet
128Kb / 1P
Package PDIP32
MDS748 ZMD-MDS748 Datasheet
154Kb / 1P
Package SOP14
MDS745 ZMD-MDS745 Datasheet
136Kb / 1P
Package SOP32
MDS753 ZMD-MDS753 Datasheet
155Kb / 1P
Package SSOP16
logo
KEC(Korea Electronics)
BAV21W KEC-BAV21W Datasheet
349Kb / 1P
USC PACKAGE
BC856W KEC-BC856W_08 Datasheet
349Kb / 1P
USM PACKAGE
KDR105 KEC-KDR105_08 Datasheet
21Kb / 1P
USM PACKAGE
logo
Exar Corporation
SP6203ER-L EXAR-SP6203ER-L Datasheet
1Mb / 14P
PACKAGE SPECIFICATIO
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com