Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDS751 Datasheet(PDF) 1 Page - Zentrum Mikroelektronik Dresden AG

Part # MDS751
Description  Package TSOP32 (I/8x20)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

MDS751 Datasheet(HTML) 1 Page - Zentrum Mikroelektronik Dresden AG

  MDS751 Datasheet HTML 1Page - Zentrum Mikroelektronik Dresden AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ZMD-Standard
December 2004
Package TSOP32 (I/8x20)
(Normal Option)
MDS
751
Zentrum Mikroelektronik Dresden
Editor: signature by Schoder
Date: 07.12.2004
Doc-No.
QS-000751-HD-02
Check: signature by Marx
Quality: signature by Tina Kochan
Dimensions in millimetres
Based on JEDEC: JEP95 MO-142
1 Dimensions
Dimensions of Sub-Group B1
Dimensions of Sub-Group C1
Amax
1,20
Amin
-
bPmin
0,17
A1min
0,05
bPmax
0,27
A1max
0,15
enom
0,50
A2min
0,90
HDmin
19,80
A2max
1,05
HDmax
20,20
cmin
0,10
LPmin
0,40
cmax
0,21
Dmin*
18,30
2Weight
≤ 0,3 g
Dmax*
18,50
3 Package Body Material
Low Stress Epoxy
Emin*
7,80
4 Lead Material
FeNi-Alloy or Cu-Alloy
Emax*8,20
5 Lead Finish
solder plating
θmin
0
°
6 Lead Form
Z-bends
θmax
5
°
* without mold-flash
Detail Z
LP
D
HD
Z
0,1


Similar Part No. - MDS751

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
MDS75 YANGJIE-MDS75 Datasheet
69Kb / 3P
Three Phase Rectifier Bridge
logo
Insel Rectifier India P...
MDS75 IRI-MDS75 Datasheet
1Mb / 3P
THREE PHASE BRIDGE MODULE
logo
Shenzhen Luguang Electr...
MDS75 LUGUANG-MDS75 Datasheet
1Mb / 1P
Single-phase/Three-phase bridge rectifier modules
logo
Yangzhou yangjie electr...
MDS75-08 YANGJIE-MDS75-08 Datasheet
69Kb / 3P
Three Phase Rectifier Bridge
logo
GeneSiC Semiconductor, ...
MDS75-08 GENESIC-MDS75-08 Datasheet
513Kb / 3P
High Surge Capability
More results

Similar Description - MDS751

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GS816136T-166I ETC-GS816136T-166I Datasheet
1Mb / 40P
165 Bump BGA-x18 Commom I/O - Top View (Package D)
logo
Acutechnology Semicondu...
AQ105 ACUTECH-AQ105 Datasheet
428Kb / 5P
Secondary V/I amplifier SOT23-5 and SC70-5 Package
Revision 1.3 July 17, 2006
logo
Zentrum Mikroelektronik...
MDS768 ZMD-MDS768 Datasheet
82Kb / 1P
Package TSOP32
logo
Holtek Semiconductor In...
HT48R01A HOLTEK-HT48R01A Datasheet
401Kb / 49P
Small Package I/O Type 8-Bit OTP MCU
August 4, 2008
logo
Minmax Technology Co., ...
MAU400 MINMAX-MAU400_13 Datasheet
796Kb / 4P
DC/DC CONVERTER 1W Small SIP Package I/O-isolation 3000VA Crms
logo
FERYSTER Inductive Comp...
EDR3909-K-V-8P-LP FERYSTER-EDR3909-K-V-8P-LP Datasheet
208Kb / 1P
IMPORT I DYSTRYBUCJA IMPORT I DYSTRYBUCJA
logo
Amkor Technology
FUSIONQUAD AMKOR-FUSIONQUAD Datasheet
394Kb / 2P
Increased I/O (116 to 356) in smaller package footprints
logo
Omron Electronics LLC
G3VM-41AY1 OMRON-G3VM-41AY1 Datasheet
283Kb / 8P
Small DIP4 package with Dielectric Strength of 5,000 VAC between I/O
logo
Shindengen Electric Mfg...
D30XT80 SHINDENGEN-D30XT80_17 Datasheet
465Kb / 4P
Large I o Single In-line Package
D50XB80 SHINDENGEN-D50XB80_17 Datasheet
437Kb / 4P
Large I o Single In-line Package
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com