Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZADCS0822 Datasheet(PDF) 16 Page - Zentrum Mikroelektronik Dresden AG

Part # ZADCS0822
Description  8-Bit, 300ksps, Serial Output ADC Family
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

ZADCS0822 Datasheet(HTML) 16 Page - Zentrum Mikroelektronik Dresden AG

Back Button ZADCS0822 Datasheet HTML 12Page - Zentrum Mikroelektronik Dresden AG ZADCS0822 Datasheet HTML 13Page - Zentrum Mikroelektronik Dresden AG ZADCS0822 Datasheet HTML 14Page - Zentrum Mikroelektronik Dresden AG ZADCS0822 Datasheet HTML 15Page - Zentrum Mikroelektronik Dresden AG ZADCS0822 Datasheet HTML 16Page - Zentrum Mikroelektronik Dresden AG ZADCS0822 Datasheet HTML 17Page - Zentrum Mikroelektronik Dresden AG ZADCS0822 Datasheet HTML 18Page - Zentrum Mikroelektronik Dresden AG ZADCS0822 Datasheet HTML 19Page - Zentrum Mikroelektronik Dresden AG ZADCS0822 Datasheet HTML 20Page - Zentrum Mikroelektronik Dresden AG  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
Datasheet
ZADCS0882/0842/0822 Family
Copyright © 2008, ZMD AG, Rev. 1.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner. The
Information furnished in this publication is preliminary and subject to changes without notice.
16/20
ple/hold may drop to noticeable affect the conversion
result.
Further detailed timing information on the digital interface
is provided in Table 8 and Figure 15.
Output Code Format
ZADCS08x2 family devices do all support unipolar and
bipolar operation modes. The digital output code is
straight binary in unipolar mode. It ranges from 0x00 for
an input voltage difference of 0V to 0xFF for an input
voltage difference of VREF (Full Scale = FS). The first
code transition (0x00 à 0x01) occurs at a voltage equiva-
lent to ½ LSB, the last (0xFE à 0xFF) at VREF - 1.5 LSB.
See also Figure 16 for details.
In bipolar mode a two’s complement coding is applied.
Code transitions occur again halfway between successive
integer LSB values. The transfer function is shown in
Figure 17.
Table 8: Timing Characterisitics (VDD = +2.7V to + 5.25V;
qOP = qOPmin … qOPmax)
Parameter
Symbol Conditions
Min
Typ
Max
Unit
SCLK Periode
tSCLK
303.0
ns
SCLK Pulse Width High
tSCLKhigh
151.5
ns
SCLK Pulse Width Low
tSCLKlow
151.5
ns
DIN to SCLK Setup
tDinSetup
30
ns
DIN to SCLK Hold
tDinHold
10
ns
nCS Fall to SCLK Setup
tnCSSetup
30
ns
SCLK Fall to
DOUT & SSTRB Hold
tOutHold
CLoad = 20pF
10
ns
SCLK Fall to
DOUT & SSTRB Valid
tOutValid
CLoad = 20pF
40
ns
nCS Rise to
DOUT & SSTRB Disable
tOutDisable CLoad = 20pF
10
60
ns
nCS Fall to
DOUT & SSTRB Enable
tOutEnable
CLoad = 20pF
60
ns
nCS Pulse Width High
tnCSHigh
100
ns
nCS
SCLK
DIN
SSTRB
DOUT
tSCLK
tSCLKhigh
tSCLKlow
tDINhold
tDINsetup
tnCSSetup
tOutEnable
tOutEnable
tOutDisable
tOutHold
tnCSHigh
tOutValid
Figure 15: Detailed Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com