Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

175FPL122KB4 Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # 175FPL122KB4
Description  Boxed Impregnated Polypropylene Film with Aluminum Foil Electrodes
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

175FPL122KB4 Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  175FPL122KB4 Datasheet HTML 1Page - Illinois Capacitor, Inc. 175FPL122KB4 Datasheet HTML 2Page - Illinois Capacitor, Inc. 175FPL122KB4 Datasheet HTML 3Page - Illinois Capacitor, Inc. 175FPL122KB4 Datasheet HTML 4Page - Illinois Capacitor, Inc. 175FPL122KB4 Datasheet HTML 5Page - Illinois Capacitor, Inc. 175FPL122KB4 Datasheet HTML 6Page - Illinois Capacitor, Inc. 175FPL122KB4 Datasheet HTML 7Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
190
®
FPL
PHYSICAL DIMENSIONS
Convert to inches, divide by 25.4
LxHxT (mm)
0.1
32x20x11
32x20x11
32x20x11
41.5x29x17
0.15
32x20x11
32x20x11
32x20x11
45x30x28
0.22
32x24x14
32x24x14
32x24x14
45x30x28
38x33x18
38x33x18
38x33x18
41.5x29x17
41.5x29x17
41.5x29x17
0.27
38x33x18
38x33x18
38x33x18
45x30x28
41.5x29x17
41.5x29x17
41.5x29x17
0.33
38x33x18
38x33x18
38x33x18
45x45x30
41.5x29x17
41.5x29x17
41.5x29x17
0.39
38x33x18
38x33x18
38x33x18
45x45x30
41.5x29x17
41.5x29x17
41.5x29x17
0.47
45x30x28
45x30x28
45x30x28
45x45x30
0.56
45x30x28
45x30x28
45x30x28
54x50x30
0.68
45x30x28
45x30x28
45x30x28
54x50x30
0.75
45x30x28
45x30x28
45x30x28
54x50x43
48x38x24
48x38x24
48x38x24
0.82
45x30x28
45x30x28
45x30x28
54x50x43
1
45x30x28
45x45x30
45x45x30
54x50x43
45x45x30
45x30x28
1.2
45x45x30
45x45x30
45x45x30
1.5
45x45x30
45x45x30
45x45x30
1.75
54x50x30
54x50x30
54x50x30
2
54x50x30
54x50x30
54x50x30
2.2
54x50x43
54x50x43
54x50x43
2.5
54x50x43
54x50x43
54x50x43
3
54x50x43
54x50x43
54x50x43
Boxed Impregnated
Polypropylene Film
with Aluminum
Foil Electrodes
1000
1250
1500
2000
(480)
(550)
(630)
(750)
WVDC
(VAC)
(µF)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com