Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

175FPL152KB4 Datasheet(PDF) 7 Page - Illinois Capacitor, Inc.

Part # 175FPL152KB4
Description  Boxed Impregnated Polypropylene Film with Aluminum Foil Electrodes
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

175FPL152KB4 Datasheet(HTML) 7 Page - Illinois Capacitor, Inc.

  175FPL152KB4 Datasheet HTML 1Page - Illinois Capacitor, Inc. 175FPL152KB4 Datasheet HTML 2Page - Illinois Capacitor, Inc. 175FPL152KB4 Datasheet HTML 3Page - Illinois Capacitor, Inc. 175FPL152KB4 Datasheet HTML 4Page - Illinois Capacitor, Inc. 175FPL152KB4 Datasheet HTML 5Page - Illinois Capacitor, Inc. 175FPL152KB4 Datasheet HTML 6Page - Illinois Capacitor, Inc. 175FPL152KB4 Datasheet HTML 7Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
195
®
FPL
Boxed Impregnated
Polypropylene Film
with Aluminum
Foil Electrodes
DIMENSIONAL DETAILS AND
TERMINAL OPTIONS
36
max.
L
7
9
Terminal Style: CT
Terminal Style: 4P
CASE CODE: C1
FOR DETAILS SEE CASE CODE TABLE
P
±0.5
0.8
0.92
5.7
H
CASE CODE: C2
FOR DETAILS SEE CASE CODE TABLE
T
H
0.8
0.8
6.05
3.5
±0.5
11
15
31
H
15
Terminal Style: CR
T
48
38
0.8
5
6.1
40 Min
11
28
5.7
FOR DETAILS SEE
CASE CODE TABLE
CASE CODE: C2
10
10
2.5
1.8
Terminal Style: 3P
CASE CODE: B4
Terminal Style: 2P
CASE CODE: B1, B2,
B3, B5
1.8
0.92
5.7
2.5
5.7
2.5
T
T
L
T
0.92
10
1.8
L



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com