Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4PR60C Datasheet(PDF) 1 Page - Communications & Power Industries, Inc.

Part # 4PR60C
Description  Switch Tube or PU lse Modulator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CPI [Communications & Power Industries, Inc.]
Direct Link  http://www.cpii.com
Logo CPI - Communications & Power Industries, Inc.

4PR60C Datasheet(HTML) 1 Page - Communications & Power Industries, Inc.

  4PR60C Datasheet HTML 1Page - Communications & Power Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MaxiMuM Ratings
typical OpeRatiOn
class of
type of service
plate
plate
plate
screen
plate
Drive
Output
Operation
Voltage
current
Voltage
Voltage
current
power
power
(Volts)
(amps)
(Volts)
(Volts)
(amps)
(Watts) (kiloWatts)
---
switch tube or pulse Modulator
20,000
18.0
20 000
1,250
18.0
---
337.0
The 4PR60C/8252W is intended for pulse modu-
lator service in circuits employing inductive or
resistive loads. This tube unilaterally replaces the
715C, the 5D21 and the 4PR60B/8252. The internal
structure of the tube has been strengthened to
minimize the effects of shock and vibration. The
4PR60C/8252W has a maximum plate dissipation
rating of 60 watts, and is cooled by radiation and
convection, and delivers pulse output power in the
region of 300 kW with less than one kW of pulse
driving power.
4pR60c / 8252W
For information on this and other CPI MPP products, visit our website at: www.cpii.com,
or contact: CPI Microwave Products Division, Eimac Operation,607 Hansen Way, Palo Alto, CA 94303
telephone
: 1(800) 414-8823. fax: (650) 592-9988 | email: powergrid@cpii.com
The values listed above represent specified limits for the product and are subject to change. The data should be used for basic
information only. Formal, controlled specifications may be obtained from CPI for use in equipment design.
chaRacteRistics
Plate Dissipation (Max.)
60 Watts
Screen Dissipation (Max.)
8 Watts
Grid Dissipation (Max.)
1 Watts
Frequency for Max. rating (CW)
N/A
Amplification Factor
N/A
Filament/Cathode
Oxide Coated
Voltage
26.0 Volts
Current
2.1 Amps
Capacitance
Grounded Cathode
Input
43.0 pf
Output
8.5 pf
Feedthrough
1.5 pf
Capacitance
N/A
Input
N/A
Output
N/A
Feedthrough
N/A
Cooling
Radiation and Forced Air
Base
4-Pin Special
Air Socket
N/A
Air Chimney
N/A
Boiler
N/A
Length
6.00 in; 152.40 mm
Diameter
3.06 in; 77.90 mm
Weight
12 oz; 0.34 kg


Similar Part No. - 4PR60C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4PR1000A ETC2-4PR1000A Datasheet
740Kb / 6P
RADIAL-BEAM PULSE TETRODE
More results

Similar Description - 4PR60C

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8637BF TOSHIBA-TA8637BF_01 Datasheet
344Kb / 10P
VHF MODULATOR FOR VCR OR VDP
TA8637BP TOSHIBA-TA8637BP_01 Datasheet
358Kb / 10P
VHF MODULATOR FOR VCR OR VDP
logo
List of Unclassifed Man...
849A ETC2-849A Datasheet
936Kb / 4P
R.F.POWER AMPLIFIER, OSCILLATOR, A.F.POWER AMPLIFIER, OR MODULATOR
logo
Communications & Power ...
3CX3000A1 CPI-3CX3000A1 Datasheet
89Kb / 1P
Grid driven AF amplifier or modulator
3CX3000F1 CPI-3CX3000F1 Datasheet
86Kb / 1P
Grid driven AF amplifier or modulator
4CPL1000A CPI-4CPL1000A Datasheet
96Kb / 1P
Pulse modulator or switch tube
4CPL1000B CPI-4CPL1000B Datasheet
94Kb / 1P
Pulse modulator or switch tube
4CPL1000C CPI-4CPL1000C Datasheet
96Kb / 1P
Pulse modulator or switch tube
4CPW10-000R CPI-4CPW10-000R Datasheet
92Kb / 1P
Switch tube or pulse modulator
logo
3M Electronics
LSE-110WF 3M-LSE-110WF Datasheet
170Kb / 3P
3M VHB Tape LSE Series
Oct-2019
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com