Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

158LBA080M2CC Datasheet(PDF) 5 Page - Illinois Capacitor, Inc.

Part # 158LBA080M2CC
Description  85째C Snap-Mount Aluminum Electrolytic Capacitors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

158LBA080M2CC Datasheet(HTML) 5 Page - Illinois Capacitor, Inc.

  158LBA080M2CC Datasheet HTML 1Page - Illinois Capacitor, Inc. 158LBA080M2CC Datasheet HTML 2Page - Illinois Capacitor, Inc. 158LBA080M2CC Datasheet HTML 3Page - Illinois Capacitor, Inc. 158LBA080M2CC Datasheet HTML 4Page - Illinois Capacitor, Inc. 158LBA080M2CC Datasheet HTML 5Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
117
®
PART
NUMBER
WVDC
Maximum
ESR
m
Ω
120Hz,+20°C
Dimensions
DxL
(mm)
Capacitance
(µF)
LBA
+ 85°C Snap-Mount
Aluminum Electrolytic
Capacitors
STANDARD PART LISTING
Maximum RMS
Ripple Current
(A)
120Hz,+85°C
PART
NUMBER
WVDC
Maximum
ESR
m
Ω
120Hz,+20°C
Capacitance
(µF)
Maximum RMS
Ripple Current
(A)
120Hz,+85°C
CASE DIMENSIONS CODE LAST TWO
LETTERS OF PART NUMBERS
(DxL)mm
Letter Group
Dimensions
DxL
(mm)
AB
C
D
E
F
G
H
20
22
25
30
35
40
45
50
10000
35
109LBA035M2EC
41.447
3.93
35x25
10000
50
109LBA050M2EE
33.157
4.7
35x35
10000
63
109LBA063M2EG
24.868
5.2
35x45
15000
10
159LBA010M2CC
55.262
2.76
25x25
15000
16
159LBA016M2BF
44.210
3.94
22x40
15000
16
159LBA016M2DC
44.210
3.51
30x25
15000
25
159LBA025M2CG
33.157
4.5
25x45
15000
25
159LBA025M2ED
33.157
4.39
35x30
15000
35
159LBA035M2DF
27.631
5.07
30x40
15000
35
159LBA035M2EE
27.631
5
35x35
15000
50
159LBA050M2EG
22.105
5.9
35x45
22000
10
229LBA010M2DC
37.679
3.49
30x25
22000
16
229LBA016M2BH
30.143
5.23
22x50
22000
16
229LBA016M2DD
30.143
4.45
30x30
22000
16
229LBA016M2EC
30.143
4.13
35x25
22000
25
229LBA025M2EE
22.607
5.73
35x35
22000
25
229LBA025M2FD
22.607
5.65
40x30
22000
35
229LBA035M2EG
18.839
6.25
35x45
33000
16
339LBA016M2DF
20.095
5.8
30x40
33000
16
339LBA016M2ED
20.095
5.15
35x30
33000
25
339LBA025M2EH
15.071
7.2
35x50
47000
16
479LBA016M2DH
14.109
6.78
30x50
47000
16
479LBA016M2EF
14.109
6.71
35x40
10.0
±0.1
2.0
± 0.1
P.C. Mounting
Specifications
D1
D1=D+1.0 mm Max.
L1=L + 2.0 mm Max.
S1=10 ± .1mm
L1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com