Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

405MHBA04K2H Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # 405MHBA04K2H
Description  Radial Leaded Polypropylene Film Capacitors with Double Sided Metallized Electrodes
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

405MHBA04K2H Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  405MHBA04K2H Datasheet HTML 1Page - Illinois Capacitor, Inc. 405MHBA04K2H Datasheet HTML 2Page - Illinois Capacitor, Inc. 405MHBA04K2H Datasheet HTML 3Page - Illinois Capacitor, Inc. 405MHBA04K2H Datasheet HTML 4Page - Illinois Capacitor, Inc. 405MHBA04K2H Datasheet HTML 5Page - Illinois Capacitor, Inc. 405MHBA04K2H Datasheet HTML 6Page - Illinois Capacitor, Inc. 405MHBA04K2H Datasheet HTML 7Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
®
MHB
Radial Leaded Polypropylene
Film Capacitors
with Double Sided
Metallized Electrodes
PHYSICAL DIMENSIONS
µF
WVDC
(VAC)
1
32x22x13
32x24.5x15
1.5
32x22x13
32x24.5x15
32x33x18
2
32x22x13
32x24.5x15
32x33x18
2.2
32x22x13
32x24.5x15
32x33x18
2.5
32x28x14
42.5x28x17
3
32x33x18
32x37x22
42.5x28x17
3.3
32x24.5x15
32x33x18
42.5x30x22
4
32x22x13
32x33x18
32x33x18
32x37x22
42.5x33.5x22
42.5x28x17
42.5x30x22
5
32x28x14
32x33x18
32x37x22
42.5x33.5x22
42.5x37x28
42.5x30x22
6.8
32x33x18
32x37x22
42.5x33.5x22
7.5
42.5x30x22
8
42.5x37x28
42.5x45x30
10
32x37x22
42.5x33.5x22
42.5x37x28
42.5x45x30
57.5x45x30
42.5x28x17
12.5
57.5x45x30
15
42.5x30x22
42.5x37x28
42.5x45x30
57.5x45x30
57.5x50x35
20
57.5x45x30
57.5x50x35
22
42.5x37x28
42.5x45x30
25
57.5x45x30
57.5x50x35
30
457.5x45x30
33
42.5x45x30
40
57.5x45x30
57.5x50x35
50
57.5x50x30
60
57.5x50x35
500
(250)
370
(200)
600
(330)
700
(380)
800
(400)
32
27.5
1.0,1.2
2
L
T
H
LL
d ±0.05
S
L
S
d
57.5
52.5
1.2
42.5
37.5
1.2
Convert to inches, divide by 25.4
LxHxT mm
2 Lead Construction



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com