Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54ALS652 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # SN54ALS652
Description  OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54ALS652 Datasheet(HTML) 16 Page - Texas Instruments

Back Button SN54ALS652 Datasheet HTML 12Page - Texas Instruments SN54ALS652 Datasheet HTML 13Page - Texas Instruments SN54ALS652 Datasheet HTML 14Page - Texas Instruments SN54ALS652 Datasheet HTML 15Page - Texas Instruments SN54ALS652 Datasheet HTML 16Page - Texas Instruments SN54ALS652 Datasheet HTML 17Page - Texas Instruments SN54ALS652 Datasheet HTML 18Page - Texas Instruments SN54ALS652 Datasheet HTML 19Page - Texas Instruments SN54ALS652 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
SN54ALS652, SN54ALS653, SN54AS651, SN54AS652
SN74ALS651A, SN74ALS652A, SN74ALS653, SN74ALS654, SN74AS651, SN74AS652
OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SDAS066F – DECEMBER 1983 – REVISED OCTOBER 1996
16
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
switching characteristics (see Figure 2)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
RL = 680 Ω (A outputs),
R1 = R2 = 500
Ω (B outputs),
TA = MIN to MAX†
UNIT
SN74ALS654
MIN
MAX
fmax
35
MHz
tPLH
CLKBA
A
16
64
ns
tPHL
CLKBA
A
6
22
ns
tPLH
CLKAB
B
10
30
ns
tPHL
CLKAB
B
5
17
ns
tPLH
A
B
5
18
ns
tPHL
A
B
2
15
ns
tPLH
B
A
12
56
ns
tPHL
B
A
2
21
ns
tPLH
SBA‡
A
19
62
ns
tPHL
(with B low)
A
5
25
ns
tPLH
SBA‡
A
19
62
ns
tPHL
(with B high)
A
5
25
ns
tPLH
SAB‡
B
15
35
ns
tPHL
(with A low)
B
6
22
ns
tPLH
SAB‡
B
8
25
ns
tPHL
(with A high)
B
6
22
ns
tPLH
OEBA
A
6
30
ns
tPHL
OEBA
A
6
24
ns
tPZH
OEAB
B
6
22
ns
tPZL
OEAB
B
6
22
ns
tPHZ
OEAB
B
1
14
ns
tPLZ
OEAB
B
2
16
ns
† For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
‡ These parameters are measured with the internal output state of the storage register opposite that of the bus input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com