Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AS640 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AS640
Description  OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AS640 Datasheet(HTML) 1 Page - Texas Instruments

  SN74AS640 Datasheet HTML 1Page - Texas Instruments SN74AS640 Datasheet HTML 2Page - Texas Instruments SN74AS640 Datasheet HTML 3Page - Texas Instruments SN74AS640 Datasheet HTML 4Page - Texas Instruments SN74AS640 Datasheet HTML 5Page - Texas Instruments SN74AS640 Datasheet HTML 6Page - Texas Instruments SN74AS640 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SN54ALS640B, SN54AS640, SN74ALS640B, SN74AS640
OCTAL BUS TRANSCEIVERS
WITH 3-STATE OUTPUTS
SDAS122A – DECEMBER 1983 – REVISED JANUARY 1995
Copyright
© 1995, Texas Instruments Incorporated
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
• Bidirectional Bus Transceivers in
High-Density 20-Pin Packages
• Inverting Logic
• Package Options Include Plastic
Small-Outline (DW) Packages, Ceramic
Chip Carriers (FK), and Standard Plastic (N)
and Ceramic (J) 300-mil DIPs
description
These octal bus transceivers are designed for
asynchronous two-way communication between
data buses. These devices transmit data from the
A bus to the B bus or from the B bus to the A bus,
depending upon the level at the direction-control
(DIR) input. The output-enable (OE) input can be
used to disable the device so that the buses are
effectively isolated.
The -1 version of the SN74ALS640B is identical to
the
standard
version,
except
that
the
recommended maximum IOL for the -1 version is
increased to 48 mA. There is no -1 version of the
SN54ALS640B.
The
SN54ALS640B
and
SN54AS640
are
characterized for operation over the full military
temperature range of – 55
°C to 125°C. The
SN74ALS640B
and
SN74AS640
are
characterized for operation from 0
°C to 70°C.
FUNCTION TABLE
INPUTS
OPERATION
OE
DIR
OPERATION
L
L
B data to A bus
L
HA data to B bus
H
X
Isolation
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
DIR
A1
A2
A3
A4
A5
A6
A7
A8
GND
VCC
OE
B1
B2
B3
B4
B5
B6
B7
B8
SN54ALS640B, SN54AS640 ...J PACKAGE
SN74ALS640B, SN74AS640 . . . DW OR N PACKAGE
(TOP VIEW)
32
1 20 19
9 10 11 12 13
4
5
6
7
8
18
17
16
15
14
B1
B2
B3
B4
B5
A3
A4
A5
A6
A7
SN54ALS640B, SN54AS640 . . . FK PACKAGE
(TOP VIEW)
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN74AS640

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AS640 TI-SN74AS640 Datasheet
690Kb / 18P
OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74AS640 TI1-SN74AS640 Datasheet
1Mb / 20P
OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74AS640 TI2-SN74AS640 Datasheet
764Kb / 18P
OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
REVISED JANUARY 1995
SN74AS640DW TI-SN74AS640DW Datasheet
690Kb / 18P
OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74AS640DWE4 TI-SN74AS640DWE4 Datasheet
690Kb / 18P
OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74AS640

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74BC245A HITACHI-HD74BC245A Datasheet
42Kb / 8P
Octal Bus Transceivers With 3 State Outputs
HD74BC640A HITACHI-HD74BC640A Datasheet
44Kb / 9P
Octal Bus Transceivers With 3 State Outputs
HD74HCT245 HITACHI-HD74HCT245 Datasheet
57Kb / 8P
Octal Bus Transceivers (with 3-state outputs)
logo
Texas Instruments
SN54BCT25245 TI-SN54BCT25245_08 Datasheet
100Kb / 5P
OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74HC620 RENESAS-HD74HC620 Datasheet
128Kb / 12P
Octal Bus Transceivers (with inverted 3-state outputs),Octal Bus Transceivers (with 3-state outputs)
HD74HC640 RENESAS-HD74HC640 Datasheet
139Kb / 11P
Octal Bus Transceivers (with 3-state outputs)
HD74HC245 RENESAS-HD74HC245_1 Datasheet
108Kb / 8P
Octal Bus Transceivers (with 3-state outputs)
logo
Texas Instruments
SN54ABT620 TI-SN54ABT620_08 Datasheet
315Kb / 11P
OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74HC640 UTC-U74HC640 Datasheet
208Kb / 7P
OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74HCT640 RENESAS-HD74HCT640 Datasheet
221Kb / 10P
Octal Bus Transceivers (with inverted 3-state outputs) Octal Bus Transceivers (with 3-state outputs)
Mar 30, 2006
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com