Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FWA Datasheet(PDF) 19 Page - Cooper Bussmann, Inc.

Part # FWA
Description  High Speed Fuses
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

FWA Datasheet(HTML) 19 Page - Cooper Bussmann, Inc.

Back Button FWA Datasheet HTML 12Page - Cooper Bussmann, Inc. FWA Datasheet HTML 13Page - Cooper Bussmann, Inc. FWA Datasheet HTML 14Page - Cooper Bussmann, Inc. FWA Datasheet HTML 15Page - Cooper Bussmann, Inc. FWA Datasheet HTML 16Page - Cooper Bussmann, Inc. FWA Datasheet HTML 17Page - Cooper Bussmann, Inc. FWA Datasheet HTML 18Page - Cooper Bussmann, Inc. FWA Datasheet HTML 19Page - Cooper Bussmann, Inc. FWA Datasheet HTML 20Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
High Speed Fuses
For product data sheets, visit www.cooperbussmann.com/products/datasheet.asp
105
North American — FWJ 1000V: 35-2000A
24
6
8
10
3
2
24
6
8
2
10
4
24
6
8
10
5
2
4
6
2
6
4
10
0
2
6
4
10
1
2
6
4
2
6
4
2
6
4
6
4
2
6
2
4
10
–1
10
–2
10
–3
10
–4
10
2
10
3
10
4
FWJ-1800A
FWJ-2000A
FWJ-800A
FWJ-1000A
FWJ-1200A
FWJ-1400A
FWJ-1600A
Prospective Current In Amperes RMS
FWJ 800-2000A: 1000V
Time-Current Curve
2
4
2
6
6
4
2
6
4
2
24
6
2
4
6
24
6
2
4
6
10
2
10
3
10
4
10
5
10
2
10
3
10
4
10
5
FWJ-40A
FWJ-50A
FWJ-60A
FWJ-70A
FWJ-80A
FWJ-90A
FWJ-100A
FWJ-125A
FWJ-150A
FWJ-175A
FWJ-200A
FWJ-500A
FWJ-350A
FWJ-300A
FWJ-250A
FWJ-600A
FWJ-800A
FWJ-2000A
FWJ-1800A
FWJ-1600A
FWJ-1400A
FWJ-1250A
FWJ-1000A
FWJ-400A
Peak Let-Through Curve
Prospective Current In Amperes RMS
10
2
2
24
6
8
2
10
3
24
6
8
10
4
2
4
6
2
6
4
10
0
2
6
4
2
6
4
2
6
4
2
6
4
6
4
2
6
2
4
10
–1
10
–2
10
–3
10
–4
10
2
10
3
10
4
FWJ-125A
FWJ-150A
FWJ-60A
FWJ-100A
FWJ-90A
FWJ-80A
FWJ-70A
FWJ-50A
FWJ-40A
FWJ-600A
FWJ-200A
FWJ-250A
FWJ-300A
FWJ-350A
FWJ-400A
FWJ-500A
FWJ-175A
10
1
FWJ 35-600A: 1000V
Time-Current Curve
Prospective Short-Circuit Current Symmetrical RMS
2
4
2
6
6
4
2
6
4
2
24
6
2
4
6
24
6
2
4
6
10
2
10
3
10
4
10
5
10
2
10
3
10
4
10
5
FWJ-40A
FWJ-50A
FWJ-60A
FWJ-70A
FWJ-80A
FWJ-90A
FWJ-100A
FWJ-125A
FWJ-150A
FWJ-175A
FWJ-200A
FWJ-500A
FWJ-350A
FWJ-300A
FWJ-250A
FWJ-600A
FWJ-800A
FWJ-2000A
FWJ-1800A
FWJ-1600A
FWJ-1400A
FWJ-1250A
FWJ-1000A
FWJ-400A
Peak Let-Through Curve
Data Sheet: 35785303
Data Sheet: 35785309



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com