Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AS651 Datasheet(PDF) 12 Page - Texas Instruments

Part # SN74AS651
Description  OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AS651 Datasheet(HTML) 12 Page - Texas Instruments

Back Button SN74AS651 Datasheet HTML 8Page - Texas Instruments SN74AS651 Datasheet HTML 9Page - Texas Instruments SN74AS651 Datasheet HTML 10Page - Texas Instruments SN74AS651 Datasheet HTML 11Page - Texas Instruments SN74AS651 Datasheet HTML 12Page - Texas Instruments SN74AS651 Datasheet HTML 13Page - Texas Instruments SN74AS651 Datasheet HTML 14Page - Texas Instruments SN74AS651 Datasheet HTML 15Page - Texas Instruments SN74AS651 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
SN54ALS652, SN54ALS653, SN54AS651, SN54AS652
SN74ALS651A, SN74ALS652A, SN74ALS653, SN74ALS654, SN74AS651, SN74AS652
OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SDAS066F – DECEMBER 1983 – REVISED OCTOBER 1996
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†
Supply voltage, VCC
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI: All inputs and A I/O ports
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
B I / O ports
5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA: SN54ALS653
– 55
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
SN74ALS653, SN74ALS654
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
recommended operating conditions
SN54ALS653
SN74ALS653
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
4.5
5
5.5
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.7
0.8
V
VOH
High-level output voltage
A ports
5.5
5.5
V
IOH
High-level output current
B ports
–12
–15
mA
IOL
Low-level output current
12
24
mA
fclock
Clock frequency
0
25
0
35
MHz
t
Pulse duration
CLKBA or CLKAB high
20
14.5
ns
tw
Pulse duration
CLKBA or CLKAB low
20
14.5
ns
tsu
Setup time before CLKAB
↑ or CLKBA↑
A or B
15
10
ns
th
Hold time after CLKAB
↑ or CLKBA↑
A or B
5
0
ns
TA
Operating free-air temperature
–55
125
0
70
°C
recommended operating conditions
SN74ALS654
UNIT
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
V
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
VOH
High-level output voltage
A ports
5.5
V
IOH
High-level output current
B ports
–15
mA
IOL
Low-level output current
24
mA
fclock
Clock frequency
0
35
MHz
t
Pulse duration
CLKBA or CLKAB high
14.5
ns
tw
Pulse duration
CLKBA or CLKAB low
14.5
ns
tsu
Setup time before CLKAB
↑ or CLKBA↑
A or B
10
ns
th
Hold time after CLKAB
↑ or CLKBA↑
A or B
0
ns
TA
Operating free-air temperature
0
70
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com