Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54HC259 Datasheet(PDF) 6 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # SN54HC259
Description  8-BIT ADDRESSABLE LATCHES
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

SN54HC259 Datasheet(HTML) 6 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button SN54HC259 Datasheet HTML 2Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS SN54HC259 Datasheet HTML 3Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS SN54HC259 Datasheet HTML 4Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS SN54HC259 Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS SN54HC259 Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS SN54HC259 Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS SN54HC259 Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS SN54HC259 Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS SN54HC259 Datasheet HTML 10Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
SN54HC259, SN74HC259
8BIT ADDRESSABLE LATCHES
SCLS134E − DECEMBER 1982 − REVISED SEPTEMBER 2003
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
VCC
TA = 25°C
SN54HC259
SN74HC259
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
2 V
60
150
225
190
tPHL
CLR
Any Q
4.5 V
18
30
45
38
ns
tPHL
CLR
Any Q
6 V
14
26
38
32
ns
2 V
56
130
195
165
Data
Any Q
4.5 V
17
26
39
33
Data
Any Q
6 V
13
22
33
28
2 V
74
200
300
250
tpd
Address
Any Q
4.5 V
21
40
60
50
ns
tpd
Address
Any Q
6 V
17
34
51
43
ns
2 V
66
170
255
215
G
Any Q
4.5 V
20
34
51
43
G
Any Q
6 V
16
29
43
37
2 V
28
75
110
95
tt
Any
4.5 V
8
15
22
19
ns
tt
Any
6 V
6
13
19
16
ns
operating characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance per latch
No load
33
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com