Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

682MWR152KB Datasheet(PDF) 4 Page - Illinois Capacitor, Inc.

Part # 682MWR152KB
Description  Metallized Polyester Film Capacitors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

682MWR152KB Datasheet(HTML) 4 Page - Illinois Capacitor, Inc.

  682MWR152KB Datasheet HTML 1Page - Illinois Capacitor, Inc. 682MWR152KB Datasheet HTML 2Page - Illinois Capacitor, Inc. 682MWR152KB Datasheet HTML 3Page - Illinois Capacitor, Inc. 682MWR152KB Datasheet HTML 4Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
155
®
NOTE: WVDC: = MAXIMUM RATED DC WORKING VOLTAGE @ +85°C.
STANDARD PART LISTING
MWR
PART
NUMBER
WVDC
Capacitance
(µF)
dv/dt
(v/µ sec.)
Dimension
D X L
(mm)
PART
NUMBER
WVDC
Capacitance
(µF)
dv/dt
(v/µ sec.)
Dimension
D X L
(mm)
0.68
630
684MWR630K
6
18.5x34
0.68
1500
684MWR152KN
25
24.5x46.5
1
50
105MWR050K
9
7.5x11.5
1
63
105MWR063K
7
8x20.5
1100
105MWR100K
3
9.5x19
1
250
105MWR250K
4
10.5x27
1
400
105MWR400K
4
14.5x34
1
630
105MWR630K
6
22x34
1
1500
105MWR152KN
25
28.5x46.5
1.5
50
155MWR050K
9
8x14.5
1.5
63
155MWR063K
7
9.5x20.5
1.5
100
155MWR100K
2
9x27
1.5
250
155MWR250K
4
12.5x29
1.5
400
155MWR400K
4
17.5x34
1.5
630
155MWR630K
6
26.5x34
1.5
1500
155MWR152KN
25
34x46.5
2.2
50
225MWR050K
9
9x14.5
2.2
63
225MWR063K
5
10.5x29
2.2
100
225MWR100K
2
12x29
2.2
250
225MWR250K
3
13.5x34
2.2
400
225MWR400K
4
20.5x34
3.3
50
335MWR050K
6
9.5x20.5
3.3
63
335MWR063K
5
11x29
3.3
100
335MWR100K
2
13x29
3.3
250
335MWR250K
3
15.5x34
3.3
400
335MWR400K
2
22.5x47
4.7
50
475MWR050K
6
10.5x20.5
4.7
63
475MWR063K
5
12.5x29
4.7
100
475MWR100K
2
12.5x34
4.7
250
475MWR250K
3
19.5x34
6.8
50
685MWR050K
6
11.5x20.5
6.8
100
685MWR100K
2
17x34
6.8
250
685MWR250K
3
23x34
10
50
106MWR050K
6
13.5x20.5
10
63
106MWR063K
4
14x34
10
100
106MWR100K
2
18x34
10
250
106MWR250K
2
24.5x46.5
15
100
156MWR100K
2
22x34
22
100
226MWR100K
2
22x46
Metallized Polyester
Film Capacitors



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com