Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P2602 Datasheet(PDF) 2 Page - ETAL Group

Part # P2602
Description  LINE MATCHING TRANSFORMER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P2602 Datasheet(HTML) 2 Page - ETAL Group

  P2602 Datasheet HTML 1Page - ETAL Group P2602 Datasheet HTML 2Page - ETAL Group P2602 Datasheet HTML 3Page - ETAL Group P2602 Datasheet HTML 4Page - ETAL Group P2602 Datasheet HTML 5Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
P2602
ETALDOC 258/8
Page 2 of 4
February 2006
SPECIFICATIONS
Electrical
At T = 25ºC and as circuit fig. 2 unless otherwise stated.
Parameter
Conditions
Min
Typ
Max
Units
Insertion Loss
f = 2kHz, RL = 560Ω
-
-
1.5
dB
Frequency response
LF-3dB cutoff
HF-3dB cutoff
200Hz - 4kHz
-
10
-
-
-
-
50
-
±0.2
Hz
kHz
dB
Return Loss
200Hz - 4kHz
18
-
-
dB
Third Harmonic
Distortion
(1)
450Hz 0dBm
-
-72
-60
dBm
Balance
DC – 5kHz
Method TG25
80
-
-
dB
Saturation
Excitation 50Hz
250V rms.
Output voltage
across line
-
-
-
-
10
65
V rms
V peak
Voltage
isolation
(2)
50Hz
DC
3.88
5.5
-
-
-
-
kVrms
kV
Operating range:
Functional
Storage
Ambient temperature
-25
-40
-
-
+85
+125
ºC
ºC
Lumped equivalent circuit parameters as Fig. 1
DC resistance, RDC
(3)(5)
Sum of windings
120
-
148
Ω
Leakage inductance
ΔL
14.5
-
18
mH
Shunt inductance Lp
(4)
10mV 200Hz
10mV1kHz
2.8
-
8
2
-
-
H
H
Shunt loss Rp
(4)
10mV 200Hz
10mV 1kHz
5
7
-
-
-
-
k
Ω
k
Ω
Notes
1. Third harmonic typically exceeds other
harmonics by 20dB.
2. Components are 100% tested at 6.5kV DC.
3. Caution: do not pass DC through windings.
Telephone line current, etc. must be diverted
using choke or semiconductor line hold
circuit.
4. At signal levels greater than 100mV, Lp will
increase and Rp will decrease slightly but the
effect is usually favourable to the return loss
characteristic.
5. Resistance imbalance between the two
Equivalent Circuit
Fig. 1
IDEAL
1:1
½ L
Δ
½ L
Δ
½ RDC
½ RDC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com