Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCP0704-1R0-R Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # HCP0704-1R0-R
Description  High Current, High Frequency, Power Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

HCP0704-1R0-R Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  HCP0704-1R0-R Datasheet HTML 1Page - Cooper Bussmann, Inc. HCP0704-1R0-R Datasheet HTML 2Page - Cooper Bussmann, Inc. HCP0704-1R0-R Datasheet HTML 3Page - Cooper Bussmann, Inc. HCP0704-1R0-R Datasheet HTML 4Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Applications:
• Voltage Regulator Module (VRM)
• Multi-phase regulators
• Desktop and servers
• Base station equipment
• Notebook regulators
• Data networking and storage systems
• Point-of-load modules
• Battery power systems
• DCR sensing
Environmental Data:
• Storage temperature range: -40°C to +155°C
• Operating temperature range: -40°C to +155°C
(Range is application specific)
• Solder reflow temperature: J-STD-020D compliant
Packaging:
• Supplied in tape-and-reel packaging, 1000 parts per reel,
13” diameter reel
HALOGEN
HF
FREE
Description:
• Halogen free
• 155°C maximum total temperature operation
• 6.8 x 6.8 x 4.2mm surface mount package
• Powder iron core material
• Magnetically shielded, low EMI
• High temperature core material eliminates thermal aging issues
• High current carrying capacity, low core losses
• Controlled DCR tolerance for sensing circuits
• Inductance range from 0.40
μH to 4.7μH
• Current range from 5.0 to 27 amps
• Frequency range up to 2MHz
• RoHS compliant
High Current, High Frequency, Power Inductors
HCP0704 Series
0209
BU-SB09086
Page 1 of 4
Data Sheet: 4348
SMD Device
1 Open Circuit Inductance (OCL) Test Parameters: 100kHz, 0.10Vrms, 0.0Adc
2 Full Load Inductance (FLL) Test Parameters: 100kHz, 0.1Vrms,Isat1
3Irms: DC current for an approximate temperature rise of 40°C without core loss. Derating is
necessary for AC currents. PCB pad layout, trace thickness and width, air-flow and proximity of
other heat generating components will affect the temperature rise. It is recommended the part
temperature not exceed 155°C under worst case operating conditions verified in the end
application.
4Isat: Peak current for approximately 20% rolloff at +25°C.
5 K-factor: Used to determine Bp-p for core loss (see graph). Bp-p = K * L * ΔI : (Gauss), K: (K-factor
from table), L: (inductance in
μH), ΔI (peak-to-peak ripple current in amps).
6 Part Number Definition: HCP0704-xxx-R
• HCP0704 = Product code and size
• xxx= Inductance value in
μH, R = decimal point. If no “R” is present, then
third character = # of zeros
• “-R” suffix = RoHS compliant
Product Specifications
Part Number
6
OCL
1 ± 25% (
μH)
FLL
2 Min. (
μH)
Irms
3 (Amps)
Isat
4 @ 25°C (Amps)
DCR (m
Ω) @ 20°C
K-factor
5
HCP0704-R40-R
0.40
0.28
17
27
3.2 ±10%
383.1
HCP0704-R60-R
0.60
0.42
14
21
4.5 ±10%
313.5
HCP0704-1R0-R
1.00
0.7
12
17
6.2 ±10%
265.3
HCP0704-1R8-R
1.80
1.26
8.5
13
11.0 ±10%
202.8
HCP0704-2R3-R
2.30
1.56
7.5
11.5
16.5 ±10%
164.2
HCP0704-3R3-R
3.30
2.31
6.0
9.5
25.0 ±10%
149.9
HCP0704-4R7-R
4.70
3.29
5.0
8.0
29.5 ±10%
127.7


Similar Part No. - HCP0704-1R0-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HCP0703 ETC2-HCP0703 Datasheet
413Kb / 4P
High Current, Pressed, Power Inductors HCP0703 Series
HCP0703-100-R ETC2-HCP0703-100-R Datasheet
413Kb / 4P
High Current, Pressed, Power Inductors HCP0703 Series
HCP0703-1R0-R ETC2-HCP0703-1R0-R Datasheet
413Kb / 4P
High Current, Pressed, Power Inductors HCP0703 Series
HCP0703-1R5-R ETC2-HCP0703-1R5-R Datasheet
413Kb / 4P
High Current, Pressed, Power Inductors HCP0703 Series
HCP0703-2R2-R ETC2-HCP0703-2R2-R Datasheet
413Kb / 4P
High Current, Pressed, Power Inductors HCP0703 Series
More results

Similar Description - HCP0704-1R0-R

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
FP0404 EATON-FP0404 Datasheet
345Kb / 6P
High frequency, high current power inductors
FP0505R EATON-FP0505R Datasheet
394Kb / 5P
High frequency, high current power inductors
FP1007 EATON-FP1007 Datasheet
531Kb / 5P
High frequency, high current power inductors
FP1008R7 EATON-FP1008R7 Datasheet
423Kb / 6P
High frequency, high current power inductors
FP1107 EATON-FP1107 Datasheet
779Kb / 4P
High frequency, high current power inductors
FP1108L3 EATON-FP1108L3 Datasheet
481Kb / 6P
High frequency, high current power inductors
FP1206 EATON-FP1206 Datasheet
741Kb / 4P
High frequency, high current power inductors
FP1208 EATON-FP1208 Datasheet
540Kb / 4P
High frequency, high current power inductors
FP1308 EATON-FP1308 Datasheet
279Kb / 4P
High frequency, high current power inductors
HCF1007 EATON-HCF1007 Datasheet
2Mb / 4P
High frequency, high current power inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com