Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P3000 Datasheet(PDF) 3 Page - ETAL Group

Part # P3000
Description  MICROPROFILE LINE ISOLATING HYBRID
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P3000 Datasheet(HTML) 3 Page - ETAL Group

  P3000 Datasheet HTML 1Page - ETAL Group P3000 Datasheet HTML 2Page - ETAL Group P3000 Datasheet HTML 3Page - ETAL Group P3000 Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
P3000
PROFORM 231/10
Page 3 of 4
May 2005
CONSTRUCTION
Dimensions shown are in millimetres (inches).
Geometric centres of outline and pad grid coincide within a tolerance circle of 0.6mmØ.
SAFETY
BARRIER
112
11
10
LINE
CODEC
TX
RX
9
8
7
2
3
4
5
6
Notes:
1. Maximum recommended Zout of TX amplifier = 10 ohms
2. Zin of RX amplifier = 47k ohms preferred, minimum 10k ohms
3. Circ uit values match to 600 ohm lines only. Contact Profec
for other line impedances.
600 ohm circ uit
Fig . 1
390R
2.54 2.54
2.54
3.18
2.54
12.7
(0.5)
17.6 m ax
(0.69)
Pad 1
7.0 max
(0.28)
1.5
(0.06)
1.77
(0.07)
(0.1) (0.1)
(0.1) (0.1)
(1.25)
Dimensions
Fig . 2
1.32
(0.052)
e3
SAFETY
BARRIER
112
11
10
9
8
7
2
3
4
5
6
RX-
N.C.
RX+
TX-
N.C.
TX+
ZT
REF OUT
LINE -
LINE +
N.C.
REF IN
(Viewed from top )
Connections
Fig . 3
5.08
3.24
10.80
1.32
1.50
Tolerance
0.3mm
JESD97 Category = e3.
Terminal size : 1.5 (0.06) long, 1.32 (0.05) wide
±
Terminals electroplated pure tin (Sn) 5µm minimum.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com