Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCP0805-1R0-R Datasheet(PDF) 3 Page - Cooper Bussmann, Inc.

Part # HCP0805-1R0-R
Description  High Current, High Frequency, Power Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

HCP0805-1R0-R Datasheet(HTML) 3 Page - Cooper Bussmann, Inc.

  HCP0805-1R0-R Datasheet HTML 1Page - Cooper Bussmann, Inc. HCP0805-1R0-R Datasheet HTML 2Page - Cooper Bussmann, Inc. HCP0805-1R0-R Datasheet HTML 3Page - Cooper Bussmann, Inc. HCP0805-1R0-R Datasheet HTML 4Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1108
BU-SB08798
Page 3 of 4
Data Sheet: 4349
Co re L o ss vs. B
100k Hz
200k Hz
300k Hz
500k Hz
1MHz
0.001
0.01
0.1
1
10
100
100
1000
10000
B
(G u a ss)
p-p
p-p
% of O C L vs. % of I
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
110%
0%
20%
40%
60%
80%
100%
120%
140%
160%
180%
200%
% of I
sat
sat
Inductance Characteristics
Core Loss



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com