Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FP1105R1-R10-R Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # FP1105R1-R10-R
Description  High Current, Low-Profile Power Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

FP1105R1-R10-R Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  FP1105R1-R10-R Datasheet HTML 1Page - Cooper Bussmann, Inc. FP1105R1-R10-R Datasheet HTML 2Page - Cooper Bussmann, Inc. FP1105R1-R10-R Datasheet HTML 3Page - Cooper Bussmann, Inc. FP1105R1-R10-R Datasheet HTML 4Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Dimensions - mm
A = 11.0 Max.
B = 8.0 Max.
C = 4.9 Max.
D = 2.4 ± 0.2
E = 2.3 ± 0.3
F = 6.2 Typ.
1
2
wwllyy
B
A
E
F
Top View
Bottom View
Left View
2.8
2.8
5.8
Rxx
1
2
a
b
Recommended Pad Layout
Schematic
C
D
1105Rx
R
SECTION A-A
A
A
1.5 dia
1.5 dia
4.0
2.0
12.0
1.75
11.5
24.0
+/-0.3
User direction of feed
1
2
8.2
wwllyy
Rxx
5.2
11.3
1105Rx
R
0
10
20
30
40
50
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
Total loss (W)
Part Marking: Coiltronics Logo
1105Rx (Rx = DCR indicator)
Rxx = inductance value in
μH (R = decimal point)
wwllyy = date code
R = revision level
Supplied in tape-and-reel packaging, 900 parts per reel, 13” diameter reel.
Packaging Information - mm
Temperature Rise vs.Total Loss
05-05-08
BU-SB08211
Page 2 of 4
Data Sheet: 4324
Nominal DCR is measured from point “a” to point “b.”



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com