Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P3304 Datasheet(PDF) 3 Page - ETAL Group

Part # P3304
Description  LOW INSERTION LOSS LINE MATCHING TRANSFORMER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P3304 Datasheet(HTML) 3 Page - ETAL Group

  P3304 Datasheet HTML 1Page - ETAL Group P3304 Datasheet HTML 2Page - ETAL Group P3304 Datasheet HTML 3Page - ETAL Group P3304 Datasheet HTML 4Page - ETAL Group P3304 Datasheet HTML 5Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
P3304
ETALDOC 772/3
Page 3 of 5
June 2005
MATCHING RECOMMENDATIONS
TXA1/TXA2 represent low impedance transmit
outputs. RXA represents a high impedance
receive input.
Transhybrid loss in specification table assumes
TXA1 and TXA2 are balanced outputs.
Other hybrid arrangements are possible.
CONSTRUCTION
Dimensions shown are in millimetres (inches).
Geometric centres of outline and pin grid coincide within a tolerance circle of 0.6mmØ.
Observe correct orientation in circuit.
Total weight typically 7g.
Patented
600
Test Circuit
Ω
Fig. 2
LINE
600
270
RXA
TXA2
TXA1
μ
4.7 F
1.5:1
1
34
6
Connections
1.5:1
Dimensions
e2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com