Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N4401 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 2N4401
Description  NPN Transistor Plastic-Encapsulate Transi stors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2N4401 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2N4401 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2N4401 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
2N4401
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
4.55±0.2
3.5±0.2
2.54±0.1
(1.27 Typ.)
0.46+0.1
–0.1
0.43+0.08
–0.07
1
3
2
1: Emitter
2: Base
3: Collector
1.25–0.2
+0.2
TO-92
Features
Power Dissipation
01-Jun-2002 Rev. A
Page 1 of 2
NPN Transistor
Plastic-Encapsulate Transistors
MAXIMUM RATINGS* TA=25 C unless otherwise noted
ELECTRICAL CHARACTERISTICS ( Tamb=25 C
unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC=100µA , IE
60
V
Collector-emitter breakdown voltage
V(BR)CEO
IC= 1mA , IB=0
40
V
Emitter-base breakdown voltage
V(BR)EBO
IE=100µA, IC=0
6
V
Collector cut-off current
ICBO
VCB=35V, IE=0
0.1
µA
Collector cut-off current
ICEO
VCE=35V, IB=0
0.5
µA
Emitter cut-off current
IEBO
VEB=5V, IC=0
0.1
µA
hFE(1)
VCE=1V, IC= 0.1mA
20
hFE(2)
VCE=1V, IC=1mA
hFE(3)
VCE=1V, IC= 10mA
50
hFE(4)
VCE=1V, IC=150mA
300
DC current gain
hFE(5)
VCE=2V, IC= 500mA
40
VCE(sat)1
IC=150 mA, IB=15mA
0.4
V
Collector-emitter saturation voltage
VCE(sat)2
IC=500 mA, IB=50mA
0.75
V
VBE(sat)1
IC=150 mA, IB=15mA
0.95
V
Base-emitter saturation voltage
VBE(sat)2
IC=500 mA, IB=50mA
V
Transition frequency
f T
VCE= 10V, IC= 20mA,
f=100MHz
250
MHz
Output Capacitance
Cob
VCB=10V, IE= 0,f=1MHz
6.5
pF
V
mA
W
C
o
C
o
C
o
o
o
=0
40
100
Delay time
td
15
nS
Rise time
tr
VCC=30V, VBE=2V
IC=150mA, IB1=15mA
20
nS
Storage time
tS
225
nS
Fall time
tf
VCC=30V, IC=150mA
IB1= IB2= 15mA
30
nS
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
60
VCEO
Collector-Emitter Voltage
40
VEBO
Emitter-Base Voltage
6
V
IC
Collector Current -Continuous
600
P C *
Collector Power dissipation
0.625
TJ
Junction Temperature
150
Tstg
Storage Temperature
-55to +150
R
θJA
Thermal Resistance, junction to Ambient
357
/mW
V
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - 2N4401

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4401 ONSEMI-2N4401 Datasheet
303Kb / 6P
General Purpose Transistors(NPN Silicon)
1996 REV 1
logo
NXP Semiconductors
2N4401 PHILIPS-2N4401 Datasheet
46Kb / 8P
NPN switching transistor
1999 Apr 23
logo
Rohm
2N4401 ROHM-2N4401 Datasheet
80Kb / 3P
NPN Medium Power Transistor
logo
Semtech Corporation
2N4401 SEMTECH-2N4401 Datasheet
209Kb / 3P
NPN EXPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
2N4401 FAIRCHILD-2N4401 Datasheet
29Kb / 2P
NPN General Purpose Amplifier
More results

Similar Description - 2N4401

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
2SD2098 WEITRON-2SD2098 Datasheet
111Kb / 5P
NPN Plastic-Encapsulate Transistor
logo
SeCoS Halbleitertechnol...
2N5401 SECOS-2N5401 Datasheet
166Kb / 1P
PNP Transistor Plastic-Encapsulate Transi stors
2SC2411 SECOS-2SC2411 Datasheet
230Kb / 2P
NPN Transistor Plastic-Encapsulate Transi stors
2SD2142 SECOS-2SD2142 Datasheet
218Kb / 2P
NPN Plastic Plastic-Encapsulate Transistor
2SC2883 SECOS-2SC2883 Datasheet
370Kb / 3P
NPN Plastic-Encapsulate Transistor
2SC4098 SECOS-2SC4098 Datasheet
83Kb / 1P
NPN Plastic-Encapsulate Transistor
2SC4116 SECOS-2SC4116 Datasheet
172Kb / 3P
NPN Plastic-Encapsulate Transistor
2SC4215 SECOS-2SC4215 Datasheet
195Kb / 3P
NPN Plastic-Encapsulate Transistor
2SD602 SECOS-2SD602 Datasheet
1Mb / 3P
NPN Plastic-Encapsulate Transistor
BC846W SECOS-BC846W Datasheet
909Kb / 4P
NPN Plastic Encapsulate Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com