Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SWS17101 Datasheet(PDF) 2 Page - JDS Uniphase Corporation

Part # SWS17101
Description  Swept Wavelength System
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

SWS17101 Datasheet(HTML) 2 Page - JDS Uniphase Corporation

  SWS17101 Datasheet HTML 1Page - JDS Uniphase Corporation SWS17101 Datasheet HTML 2Page - JDS Uniphase Corporation SWS17101 Datasheet HTML 3Page - JDS Uniphase Corporation SWS17101 Datasheet HTML 4Page - JDS Uniphase Corporation SWS17101 Datasheet HTML 5Page - JDS Uniphase Corporation SWS17101 Datasheet HTML 6Page - JDS Uniphase Corporation SWS17101 Datasheet HTML 7Page - JDS Uniphase Corporation SWS17101 Datasheet HTML 8Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
SWS directly measures IL, PDL and average loss as a function of wavelength. RL
is measured with the optional RL modules (SWS20005). Using the raw IL and
PDL data, the application software provides a comprehensive set of analysis tools
that calculate:
• Loss at peak
• Center wavelength, from x dB threshold
• Loss at center wavelength
• Bandwidth at x dB threshold
• Crosstalk, left/right and cummulative
• Flatness
These parameters are calculated relative to the measured peak, ITU grid or user-
defined grid.
The SWS is delivered with a set of DLLs that can be used to develop software to
suit custom testing requirements. The DLLs function through the SWS receiver
hardware, allowing access to all SWS functionality. Using the supplied
DLLs, applications may be developed in Visual Basic
TM, C, C++, or
LabView environments.
With a 4-State polarization controller located within the SOM, PDL and average
loss are measured quickly as a function of wavelength. Four polarization states at
0°, 90°, - 45° and circular polarization are measured, and the Mueller matrix
analysis is used to accurately determine PDL at all wavelengths scanned.
When the very highest accuracy PDL measurements are required, a special version
of the detector module should be used. The SWS15107-A contains specially
selected and tuned components to allow PDL measurement to an accuracy of
better than ± 0.01 dB. This module is supplied with a fixed FC/APC connector.
All specifications listed are met simultaneously. No change in wavelength accuracy
(± 2 pm) or scan speed (20 nm/s) is required to obtain a 70 dB dynamic range.
SWEPT WAVELENGTH SYSTEM (SWS2000)
Continued
Typical Application of SWS2000



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com