Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SWS20009-B Datasheet(PDF) 6 Page - JDS Uniphase Corporation

Part # SWS20009-B
Description  Swept Wavelength System
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

SWS20009-B Datasheet(HTML) 6 Page - JDS Uniphase Corporation

  SWS20009-B Datasheet HTML 1Page - JDS Uniphase Corporation SWS20009-B Datasheet HTML 2Page - JDS Uniphase Corporation SWS20009-B Datasheet HTML 3Page - JDS Uniphase Corporation SWS20009-B Datasheet HTML 4Page - JDS Uniphase Corporation SWS20009-B Datasheet HTML 5Page - JDS Uniphase Corporation SWS20009-B Datasheet HTML 6Page - JDS Uniphase Corporation SWS20009-B Datasheet HTML 7Page - JDS Uniphase Corporation SWS20009-B Datasheet HTML 8Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
SWEPT WAVELENGTH SYSTEM (SWS-OMNI EXPANSION SERIES)
Swept Wavelength System
(SWS-OMNI Expansion Series)
Key Features
• Virtual Modulation Frequency Feature (VMFF) - flexible
post-processing
• Measures IL, PDL, GD, DGD with a single bench or rack
mountable receiver
• Distributed Architecture - Add additional measurement
stations at any time
• Wideband scanning 1520 to 1630 nm, in one sweep
• High speed; two-channel device characterization over
C-band or C+L-bands for simultaneous measurement
of all parameters
• Calibrated to NIST CD and Polarization Mode Dispersion
(PMD) standards
• Powerful engineering software package + DLL library -
custom software applications
With the simple addition of an RF modulator within the SOM and an OMNI
receiver, an existing Swept Wavelength System SWS2000 system can be used to
measure group delay (GD) and differential group delay (DGD). Existing test
stations can still be used.
SWS-OMNI adds to the SWS family of test systems and provides leading-edge
performance for fast all-parameter testing for efficient engineering, research and
development (R&D) and production testing operations. SWS-OMNI rapidly and
accurately measures insertion loss (IL), polarization dependent loss (PDL), GD
and DGD characteristics of a wide range of passive optical components and optical
fiber using a dual channel receiver for higher-throughput and lower-cost testing.
The modular architecture of the SWS-OMNI enables a user to add the SWS-
OMNI receiver to an existing SWS transmitter to provide a stand-alone all
parameter test station without the added expenditure of another tunable laser and
wavelength meter. These additional test stations are purchased at a relatively low
incremental cost providing best multi-station capital expenditure economics in
the industry.
From phase and IL measurements, SWS-OMNI software calculates CD, PDL, GD
and DGD as a function of wavelength or frequency. Displayed data may be further
analyzed on-screen using markers, or setup to automatically analyze the data in
the parameter ranges defined. This data can be exported for further analysis. The
software also has dynamic link libraries (DLLs) that can be used to easily develop
custom software in LabVIEW, Visual Basic or C+ a feature that is especially useful
in a production environment.
Applications
• Passive optical component and fiber
characterization in lab and
manufacturing environments.
Safety Information
• Complies to CE requirements plus
UL3101.1 and CAN/CSA-C22.2 No.
1010.1. The laser source in the
Source Optics Module is a class 1
laser. The Tunable Laser Source
(SWS-17101) is a class 3B laser. Both
are classified per IEC standard
60825-1 (2002) and comply with
FDA standard 21CFR 1040.10 except
deviations per Laser Notice No. 50,
July 2001.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com