Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTX210600-R Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # CTX210600-R
Description  CCFL Transformer Application Note
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

CTX210600-R Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  CTX210600-R Datasheet HTML 1Page - Cooper Bussmann, Inc. CTX210600-R Datasheet HTML 2Page - Cooper Bussmann, Inc. CTX210600-R Datasheet HTML 3Page - Cooper Bussmann, Inc. CTX210600-R Datasheet HTML 4Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
The operating frequency of the system is determined by the inductance of
the primary and the bulk capacitor across the primary at resonance.
Fres = Resonance Frequency
Determine the ballast capacitor value using the equation below.
Vsec = Transformer secondary voltage
Vrun = Lamp running voltage
Ilamp = Lamp current
Fres = Resonance frequency
Cballast = Ballast capacitor
The capacitor voltage is 90 degrees out of phase with the lamp running
voltage.
From this equation, determine the value of the ballast capacitor.
Coiltronics® Transformer Features:
1. Supply high voltage.
2. Operation frequency range from 40 to 80kHz.
3. Deliver output power from 2.5 to 14 watts.
4. Slim or low profile type easily built into your design.
5. Available in through-hole and SMT recess or gull wing type.
6. Operate in Royer and direct IC drive.
7. 1500 volt primary to secondary isolation.
8. Ferrite core material.
9. Designed for floating and non-floating applications.
10. Transformer secondary is machine wound on sections to increase
leakage inductance and reduce voltage gradient between layers.
Layout and Circuit Considerations
• The high voltage traces must be separated from low voltage traces.
• The ballast capacitor must be placed closer to the transformer secondary
pin.
• Avoid long wire connections from the transformer to the lamp. Stray
capacitance between wire and ground will reduce efficiency.
• Incorporate open lamp and overload protection in the circuit design. Open
lamp will cause full voltage in the transformer output and will burn the
transformer. Most of the CCFL IC has protection built in the circuit for
open and overload condition.
Bulk
i
s
C
L
F
×
×
=
Pr
Re
2
1
π
)
(
2
sec
2
V
V
F
I
C
run
res
lamp
ballast
−
×
×
=
π
Schematic Relation to Part Number
Schematic A
Schematic B
Schematic C
Schematic D
Schematic E
CTX110652-R
CTX110655-R
CTX210403-R
CTX110603-R
CTX110600-R
CTX410805-R
CTX210652-R
CTX110657-R
CTX210407-R
CTX110605-R
CTX210600-R
CTX410807-R
CTX110659-R
CTX210409-R
CTX110607-R
CTX410809-R
CTX210655-R
CTX210411-R
CTX110609-R
CTX210657-R
CTX310403-R
CTX110611-R
CTX210659-R
CTX310405-R
CTX210603-R
CTX310407-R
CTX210605-R
CTX310409-R
CTX210607-R
CTX310411-R
CTX210609-R
CTX210611-R



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com