Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P7604 Datasheet(PDF) 3 Page - ETAL Group

Part # P7604
Description  SHIELDED POWER INDUCTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P7604 Datasheet(HTML) 3 Page - ETAL Group

  P7604 Datasheet HTML 1Page - ETAL Group P7604 Datasheet HTML 2Page - ETAL Group P7604 Datasheet HTML 3Page - ETAL Group P7604 Datasheet HTML 4Page - ETAL Group P7604 Datasheet HTML 5Page - ETAL Group P7604 Datasheet HTML 6Page - ETAL Group P7604 Datasheet HTML 7Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
P7604
ETALDOC 833/3
Page 3 of 7
December 2006
SPECIFICATIONS
Electrical
1608 size
Part Number
Inductance (µH)
(1)
DCR (Ω) Max
SRF (MHz)
(2)
Rated Current
IRMS (A)
(3)
P7604-1608-1R0M
1.0±20%
0.040
250
3.0
P7604-1608-1R5M
1.5±20%
0.045
125
2.8
P7604-1608-2R2M
2.2±20%
0.050
120
1.8
P7604-1608-3R3M
3.3±20%
0.055
120
1.6
P7604-1608-4R7M
4.7±20%
0.060
105
1.4
P7604-1608-6R8M
6.8±20%
0.065
50
1.2
P7604-1608-100M
10±20%
0.075
38
1.0
P7604-1608-150M
15±20%
0.090
33
0.8
P7604-1608-220M
22±20%
0.11
25
0.7
P7604-1608-330M
33±20%
0.19
20
0.6
P7604-1608-470M
47±20%
0.23
20
0.5
P7604-1608-680M
68±20%
0.29
15
0.4
P7604-1608-101M
100±20%
0.48
10
0.3
P7604-1608-151M
150±20%
0.59
9
0.26
P7604-1608-221M
220±20%
0.77
6
0.22
P7604-1608-331M
330±20%
1.4
5
0.20
P7604-1608-471M
470±20%
1.8
4
0.19
P7604-1608-681M
680±20%
2.2
3
0.18
P7604-1608-102M
1000±20%
3.4
2
0.15
P7604-1608-152M
1500±20%
4.2
2
0.12
P7604-1608-222M
2200±20%
8.5
2
0.10
P7604-1608-332M
3300±20%
11
1
0.08
P7604-1608-472M
4700±20%
14
1
0.06
P7604-1608-682M
6800±20%
25
1
0.04
P7604-1608-103M
10000±20%
33
0.8
0.02
Notes
1. Inductance measured at 100kHz, 100mV.
2. SRF (Self resonant Frequency) is typical and for reference only.
3. Rated current is the current at which the temperature rise is 30ºC typical.
Note that for this 1608 size, the DC current at which saturation occurs is lower than the rated AC current.
4. Operating temperature -25ºC to +85ºC.
5. For non-standard inductance values, please contact Profec.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com