Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AHC-C01 Datasheet(PDF) 4 Page - JDS Uniphase Corporation

Part # AHC-C01
Description  Amplifier Hybrid with Thin Film Coupler and Isolator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

AHC-C01 Datasheet(HTML) 4 Page - JDS Uniphase Corporation

  AHC-C01 Datasheet HTML 1Page - JDS Uniphase Corporation AHC-C01 Datasheet HTML 2Page - JDS Uniphase Corporation AHC-C01 Datasheet HTML 3Page - JDS Uniphase Corporation AHC-C01 Datasheet HTML 4Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
NORTH AMERICA
: 800 498-JDSU (5378)
WEBSITE
: www.jdsu.com
WORLDWIDE
: +800 5378-JDSU
SMF-28 and PureMode are registered trademarks of Corning Incorporated.
ST and LC are registered trademarks of Lucent Technologies.
All statements, technical information and recommendations related to the products herein are based upon information believed to be
reliable or accurate. However, the accuracy or completeness thereof is not guaranteed, and no responsibility is assumed for any
inaccuracies. The user assumes all risks and liability whatsoever in connection with the use of a product or its application. JDSU reserves
the right to change at any time without notice the design, specifications, function, fit or form of its products described herein, including
withdrawal at any time of a product offered for sale herein. JDSU makes no representations that the products
herein are free from any intellectual property claims of others. Please contact JDSU for more information. JDSU and the JDSU logo are
trademarks of JDS Uniphase Corporation. Other trademarks are the property of their respective holders. ©2006 JDS Uniphase
Corporation. All rights reserved. 10134045 Rev. 004 02/06 AHC.DS.CC.AE
Ordering Information
For more information on this or other products and their availability, please contact your local JDSU account manager or
JDSU directly at 1-800-498-JDSU (5378) in North America and +800-5378-JDSU worldwide or via e-mail at
customer.service@jdsu.com.
AHC SERIES
Code
Tap Ratio
0No tap option
11%
22%
33%
44%
55%
A1.8%
T
10%
Sample: AHC-C30R10000
Code
Signal Wavelength
CC-band
LL-band
SS-band
1
C+L-bands
AHC-
0
Code
Pump Wavelength
0
No pump option
3
1480 nm
5
980 nm
Code
Isolator, Pump Configuration,
Package Length
JOne-stage,forward-pumped,
32 mm (L)
KOne-stage,forward-pumped,
40 mm (L)
NOne-stage,backward-pumped or tap,
32 mm (L)
QOne-stage,backward-pumped or tap,
40 mm (L)
RTwo-stage,forward-pumped,
40 mm (L)
S
Two-stage,forward-pumped,
32 mm (L)
VTwo-stage,backward-pumped
(or tap), 40 mm (L)
ZTwo-stage,backward-pumped
(or tap), 32 mm (L)
Code
Power Handling Option
0
Standard: 150 mW at
980 nm and 500 mW for
all others
HHigh Power: 450 mW at
980 nm and 2000 mW
for all others
Code
Fiber Buffer Type
0
250 µm bare fiber
1
900 µm loose tube
Code
Fiber Pigtail Length
11 meter
22 meters
40.5 meter
51.5 meters
Code
Connectors
0No connector
1FC/PC
2FC/SPC
3FC/APC
4
SC/SPC
5
SC/APC
8
ST
9FC/UPC
A
SC/UPC
BLC/SPC
C
LC/UPC
Note: Other configuratons and wavelengths are available on custom basis.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com