Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P7607-0605-331M Datasheet(PDF) 3 Page - ETAL Group

Part # P7607-0605-331M
Description  SHIELDED POWER INDUCTOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P7607-0605-331M Datasheet(HTML) 3 Page - ETAL Group

  P7607-0605-331M Datasheet HTML 1Page - ETAL Group P7607-0605-331M Datasheet HTML 2Page - ETAL Group P7607-0605-331M Datasheet HTML 3Page - ETAL Group P7607-0605-331M Datasheet HTML 4Page - ETAL Group P7607-0605-331M Datasheet HTML 5Page - ETAL Group P7607-0605-331M Datasheet HTML 6Page - ETAL Group P7607-0605-331M Datasheet HTML 7Page - ETAL Group P7607-0605-331M Datasheet HTML 8Page - ETAL Group P7607-0605-331M Datasheet HTML 9Page - ETAL Group Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
P7607
ETALDOC 839/4
Page 3 of 11
December 2006
0603 size
Part Number
Inductance (µH)
(1)
DCR (Ω) Max
Rated Current
(2)
IDC (A)
P7607-0603-1R0M
1.0±20%
0.019
2.40
P7607-0603-1R5M
1.5±20%
0.025
2.20
P7607-0603-2R2M
2.2±20%
0.032
1.90
P7607-0603-3R3M
3.3±20%
0.050
1.50
P7607-0603-4R7M
4.7±20%
0.060
1.30
P7607-0603-6R8M
6.8±20%
0.070
1.20
P7607-0603-100M
10±20%
0.12
1.00
P7607-0603-120M
12±20%
0.13
0.90
P7607-0603-150M
15±20%
0.15
0.80
P7607-0603-180M
18±20%
0.16
0.75
P7607-0603-220M
22±20%
0.23
0.65
P7607-0603-270M
27±20%
0.25
0.60
P7607-0603-330M
33±20%
0.34
0.55
P7607-0603-390M
39±20%
0.38
0.52
P7607-0603-470M
47±20%
0.42
0.50
P7607-0603-560M
56±20%
0.57
0.48
P7607-0603-680M
68±20%
0.62
0.45
P7607-0603-820M
82±20%
0.90
0.40
P7607-0603-101M
100±20%
0.99
0.35
P7607-0603-121M
120±20%
1.15
0.30
P7607-0603-151M
150±20%
1.75
0.28
P7607-0603-181M
180±20%
1.95
0.26
P7607-0603-221M
220±20%
2.20
0.22
P7607-0603-271M
270±20%
2.50
0.20
P7607-0603-331M
330±20%
3.20
0.18
P7607-0603-391M
390±20%
3.50
0.17
P7607-0603-471M
470±20%
4.95
0.16
P7607-0603-561M
560±20%
5.35
0.15
P7607-0603-681M
680±20%
6.30
0.14
P7607-0603-821M
820±20%
8.20
0.13
P7607-0603-102M
1000±20%
9.20
0.12
Notes
1. Inductance measured at 100kHz, 1V.
2. Rated Current, IDC, is the current at which the temperature rise is 40ºC (max) or the DC current at which
the zero-current inductance drops by 10%, whichever is less.
3. Operating temperature -25ºC to +85ºC.
4. For non-standard inductance values, please contact Profec.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com