Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P7607-0705-331M Datasheet(PDF) 4 Page - ETAL Group

Part # P7607-0705-331M
Description  SHIELDED POWER INDUCTOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P7607-0705-331M Datasheet(HTML) 4 Page - ETAL Group

  P7607-0705-331M Datasheet HTML 1Page - ETAL Group P7607-0705-331M Datasheet HTML 2Page - ETAL Group P7607-0705-331M Datasheet HTML 3Page - ETAL Group P7607-0705-331M Datasheet HTML 4Page - ETAL Group P7607-0705-331M Datasheet HTML 5Page - ETAL Group P7607-0705-331M Datasheet HTML 6Page - ETAL Group P7607-0705-331M Datasheet HTML 7Page - ETAL Group P7607-0705-331M Datasheet HTML 8Page - ETAL Group P7607-0705-331M Datasheet HTML 9Page - ETAL Group Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
P7607
ETALDOC 839/4
Page 4 of 11
December 2006
0604 size
Part Number
Inductance (µH)
(1)
DCR (Ω) Max
Rated Current
(2)
IDC (A)
P7607-0604-1R0M
1.0±20%
0.022
2.50
P7607-0604-1R5M
1.5±20%
0.025
2.20
P7607-0604-2R2M
2.2±20%
0.030
1.90
P7607-0604-3R3M
3.3±20%
0.035
1.70
P7607-0604-4R7M
4.7±20%
0.050
1.30
P7607-0604-6R8M
6.8±20%
0.055
1.10
P7607-0604-100M
10±20%
0.065
1.00
P7607-0604-120M
12±20%
0.090
0.90
P7607-0604-150M
15±20%
0.10
0.80
P7607-0604-180M
18±20%
0.11
0.70
P7607-0604-220M
22±20%
0.15
0.65
P7607-0604-270M
27±20%
0.17
0.60
P7607-0604-330M
33±20%
0.22
0.55
P7607-0604-390M
39±20%
0.24
0.50
P7607-0604-470M
47±20%
0.30
0.47
P7607-0604-560M
56±20%
0.34
0.42
P7607-0604-680M
68±20%
0.39
0.40
P7607-0604-820M
82±20%
0.50
0.35
P7607-0604-101M
100±20%
0.57
0.32
P7607-0604-121M
120±20%
0.63
0.30
P7607-0604-151M
150±20%
0.90
0.27
P7607-0604-181M
180±20%
0.99
0.25
P7607-0604-221M
220±20%
1.15
0.22
P7607-0604-271M
270±20%
1.55
0.20
P7607-0604-331M
330±20%
1.76
0.18
P7607-0604-391M
390±20%
2.6
0.17
P7607-0604-471M
470±20%
3.0
0.16
P7607-0604-561M
560±20%
3.3
0.15
P7607-0604-681M
680±20%
3.7
0.13
P7607-0604-821M
820±20%
4.9
0.12
P7607-0604-102M
1000±20%
5.7
0.11
Notes
1. Inductance measured at 100kHz, 1V.
2. Rated Current, IDC, is the current at which the temperature rise is 40ºC (max) or the DC current at which
the zero-current inductance drops by 10%, whichever is less.
3. Operating temperature -25ºC to +85ºC.
4. For non-standard inductance values, please contact Profec.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com