Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RNA51958AFPH0 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # RNA51958AFPH0
Description  Voltage Detecting, System Resetting IC Series
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RNA51958AFPH0 Datasheet(HTML) 2 Page - Renesas Technology Corp

  RNA51958AFPH0 Datasheet HTML 1Page - Renesas Technology Corp RNA51958AFPH0 Datasheet HTML 2Page - Renesas Technology Corp RNA51958AFPH0 Datasheet HTML 3Page - Renesas Technology Corp RNA51958AFPH0 Datasheet HTML 4Page - Renesas Technology Corp RNA51958AFPH0 Datasheet HTML 5Page - Renesas Technology Corp RNA51958AFPH0 Datasheet HTML 6Page - Renesas Technology Corp RNA51958AFPH0 Datasheet HTML 7Page - Renesas Technology Corp RNA51958AFPH0 Datasheet HTML 8Page - Renesas Technology Corp RNA51958AFPH0 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
RNA51958A,B
REJ03D0915-0100 Rev.1.00 Mar 02, 2009
Page 2 of 11
Pin Arrangement
RNA51958AFP/BFP
8
5
6
7
NC
Delay capacitor
NC: No Connection
Output
Power-supply
NC
GND
NC
Input
1
4
3
2
(Top view)
Outline: PRSP0008DE-C
Block Diagram
GND
Output
Delay capacitor
–
+
+
25
µA
Typ
5
µA
Typ
A: Built-in Load
B: Open Collector
RNA51958A, B
Input
1.25V
Power-
supply
Operating Waveform
RNA51958A, B
1.25V
H
L
t
t
td
≈ 0.34 × Cd(pF) µs
td
td



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com