Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM3100 Datasheet(PDF) 1 Page - Spectrum Microwave, Inc.

Part # TM3100
Description  RF AMPLIFIER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRUM [Spectrum Microwave, Inc.]
Direct Link  http://www.spectrummicrowave.com
Logo SPECTRUM - Spectrum Microwave, Inc.

TM3100 Datasheet(HTML) 1 Page - Spectrum Microwave, Inc.

  TM3100 Datasheet HTML 1Page - Spectrum Microwave, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Legend
+ 25 ºC
+ 85 ºC - - - - - - -55 ºC
Typical Intermodulation Performance at 25 º C
Second Order Harmonic Intercept Point ....... +43 dBm (Typ.)
Second Order Two Tone Intercept Point ........ +38 dBm (Typ.)
Third Order Two Tone Intercept Point ............ +28 dBm (Typ.)
Power
Vdc
+15
+15
mA
80
90 Max.
RF AMPLIFIER
MODEL
TM3100
Available as:
TM3100, 4 Pin TO-8 (T4)
TN3100, 4 Pin Surface Mount (SM3)
FP3100, Pin Flatpack (FP4)
BX3100, Connectorized Housing (H1)
Features
!
!
!
!
! High Gain: +30 dB Typical
!
!
!
!
! Low Noise Figure: 3.5 dB Typical
!
!
!
!
! Operating Temp. - 55 ºC to +85 ºC
!
!
!
!
! Environmental Screening Available
CHARACTERISTIC
TYPICAL
MIN/MAX
Ta= 25 ºC
Ta = -55 ºC to +85 ºC
Frequency
500 - 1300 MHz
500 - 1300 MHz
Note: Care should always be taken to effectively ground the case of each unit.
Noise Figure (dB)
3.5
4.5 Max.
VSWR
In
1.8:1
2.0:1 Max.
Out
1.8:1
2.0:1 Max.
Reverse
Isolation (dB)
-40
-35 Max.
Gain (dB)
30
29 Min.
Specifications
Typical Performance Data
Maximum Ratings
Ambient Operating Temperature .............. -55ºC to + 100 ºC
Storage Temperature ............................... -62ºC to + 125 ºC
Case Temperature ................................................. + 125 ºC
DC Voltage ......................................................... + 18 Volts
Continuous RF Input Power ................................. + 10 dBm
Short Term RF Input Power ..... 50 Milliwatts (1 Minute Max.)
Maximum Peak Power .................... 0.5 Watt (3
µsec Max.)
01/03/07
Power @ 1 dB
Comp. (dBm)
+16
+14 Min.
2.0
1.5
1.0
2.0
1.5
1.0
1
5
3
33
31
29
+22
+20
+16
+14
- 35
- 40
- 45
- 50
- 55
30
32
2
4
Start 500 MHz
Stop 1300 MHz
Start 500 MHz
Stop 1300 MHz
Start 500 MHz
Stop 1300 MHz
Start 500 MHz
Stop 1300 MHz
Start 500 MHz
Stop 1300 MHz
Start 500 MHz
Stop 1300 MHz
Gain (dB)
Noise Figure (dB)
1 dB Comp. (dBm)
Input VSWR
Output VSWR
Reverse Isolation (dB)
+18
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave (Europe) · 2707 Black Lake Place · Philadelphia, Pa. 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.spectrummicrowave.com


Similar Part No. - TM3100

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
TM3100 APITECH-TM3100 Datasheet
42Kb / 1P
RF AMPLIFIER MODEL
More results

Similar Description - TM3100

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
BXMP1005 SPECTRUM-BXMP1005 Datasheet
41Kb / 1P
RF AMPLIFIER
BXMP1010 SPECTRUM-BXMP1010 Datasheet
42Kb / 1P
RF AMPLIFIER
BXMP1019 SPECTRUM-BXMP1019 Datasheet
41Kb / 1P
RF AMPLIFIER
BXMP1031 SPECTRUM-BXMP1031 Datasheet
65Kb / 1P
RF AMPLIFIER
BXMP1035 SPECTRUM-BXMP1035 Datasheet
42Kb / 1P
RF AMPLIFIER
CZ8020 SPECTRUM-CZ8020 Datasheet
40Kb / 1P
RF AMPLIFIER
CZ8110 SPECTRUM-CZ8110 Datasheet
42Kb / 1P
RF AMPLIFIER
CZ8120 SPECTRUM-CZ8120 Datasheet
43Kb / 1P
RF AMPLIFIER
CZ8203 SPECTRUM-CZ8203 Datasheet
62Kb / 1P
RF AMPLIFIER
CZ8310 SPECTRUM-CZ8310 Datasheet
46Kb / 1P
RF AMPLIFIER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com