Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SB562 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SB562
Description  PNP Plastic Encapsulated Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SB562 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2SB562 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SB562 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH 2SB562 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Elektronische Bauelemente
2SB562
0.9 W, -1 A, -25 V
PNP Plastic Encapsulated Transistor
01-June-2002 Rev. A
Page 1 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low frequency power amplifier
Complementary pair with 2SD468
ABSOLUTE MAXIMUM RATINGS at Ta = 25°C
Parameter
Symbol
Ratings
Unit
Collector to Base Voltage
VCBO
-25
V
Collector to Emitter Voltage
VCEO
-20
V
Emitter to Base Voltage
VEBO
-5
V
Collector Current - Continuous
IC
-1
A
Total Power Dissipation
Pc
0.9
W
Junction, Storage Temperature
TJ, TSTG
+150, -55 ~ +150
℃
ABSOLUTE MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS at Ta = 25°C
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
V(BR)CBO
-25
-
-
V
IC=-10 μA, IE = 0
V(BR)CEO
-20
-
-
V
IC=-1 mA, IB = 0
V(BR)EBO
-5
-
-
V
IE=-10 μA, IC = 0
ICBO
-
-
-1
μA
VCB=-20 V, IE = 0
IEBO
-
-1
μA
VEB=-4 V, IC = 0
VCE(sat)
-
-
-0.5
V
IC=-0.8A, IB=-0.08A
VBE
-
-
-1
V
VCE=-2V, IC=-0.5A
hFE(1)
85
-
240
VCE=-2V, IC=-0.5A
fT
-
350
-
MHz
VCE = -2V, IC = -0.5 A
Cob
-
38
-
pF
VCB=-10V,IE=0,f=1MHz
CLASSIFICATION OF hFE(1)
Rank
B
C
Range
85 -170
120 - 240


Similar Part No. - 2SB562

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SB562 HITACHI-2SB562 Datasheet
30Kb / 6P
Silicon PNP Epitaxial
logo
Unisonic Technologies
2SB562 UTC-2SB562 Datasheet
95Kb / 3P
LOW FREQUENCY POWER LOW FREQUENCY POWER
logo
TRANSYS Electronics Lim...
2SB562 TEL-2SB562 Datasheet
61Kb / 1P
Plastic-Encapsulated Transistors
logo
Renesas Technology Corp
2SB562 RENESAS-2SB562 Datasheet
157Kb / 6P
Silicon PNP Epitaxial
logo
Micro Commercial Compon...
2SB562 MCC-2SB562 Datasheet
224Kb / 4P
PNP Epitaxial Silicon Transistor
More results

Similar Description - 2SB562

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2SA733 SECOS-2SA733 Datasheet
284Kb / 2P
PNP Plastic Encapsulated Transistor
2SA1013 SECOS-2SA1013 Datasheet
375Kb / 2P
PNP Plastic Encapsulated Transistor
2N4402 SECOS-2N4402 Datasheet
109Kb / 1P
PNP Plastic Encapsulated Transistor
2SA733 SECOS-2SA733_11 Datasheet
420Kb / 2P
PNP Plastic Encapsulated Transistor
2SA844 SECOS-2SA844 Datasheet
83Kb / 1P
PNP Plastic Encapsulated Transistor
2SA1300 SECOS-2SA1300 Datasheet
401Kb / 2P
PNP Plastic Encapsulated Transistor
2SB1068 SECOS-2SB1068 Datasheet
84Kb / 1P
PNP Plastic Encapsulated Transistor
A1015 SECOS-A1015 Datasheet
449Kb / 2P
PNP Plastic-Encapsulated Transistor
2SB1184 SECOS-2SB1184 Datasheet
76Kb / 1P
PNP Plastic Encapsulated Transistor
KSA539 SECOS-KSA539 Datasheet
71Kb / 1P
PNP Plastic Encapsulated Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com