Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD1619 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SD1619
Description  PNP Silicon Medium Power Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SD1619 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2SD1619 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SD1619 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH 2SD1619 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Any changing of specification will not be informed individual
2SB1119/2SD1619
PNP Silicon
Medium Power Transistor
RoHS Compliant Product
http://www.SeCoSGmbH.com
Elektronische Bauelemente
Symbol
A
b
b1
c
D
D1
E
E1
e
e1
L
Min
1.400
0.320
0.360
0.350
4.400
1.400
2.300
3.940
2.900
0.900
Max
1.600
0.520
0.560
0.440
4.600
1.800
2.600
4.250
3.100
1.100
Min
0.055
0.013
0.014
0.014
0.173
0.055
0.091
0.155
0.114
0.035
Max
0.063
0.020
0.022
0.017
0.181
0.071
0.102
0.167
0.122
0.043
Dimensions In Millimeters
Dimensions In Inches
0.060TYP
1.500TYP
D
D1
C
A
b
b1
e
e1
SOT-89
1.BASE
2.COLLECTOR
3.EMITTER
FEATURES
Power dissipation
P CM : 500mW Tamb=25
Collector current
ICM :-1
A
Collector-base voltage
VB(BR)CBO :
-25
V
Operating and storage junction temperature range
TJ
Tstg: -55
to +150
ELECTRICAL CHARACTERISTICS
Tamb=25
unlessotherwise
specified CLASSIFICATION OF
hFE(1)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
Ic=-10
A
IE=0
-25
V
Collector-emitter breakdown voltage
V(BR)CEO
IC= -1 mA ,
IB=0
-25
V
Emitter-base breakdown voltage
V(BR)EBO
IE= -10
A
IC=0
-5
V
Collector cut-off current
ICBO
VCB= -20 V ,
IE=0
-0.1
A
Collector cut-off current
ICEO
VCE= -20 V ,
IB=0
-0.1
A
Emitter cut-off current
IEBO
VEB=-4V ,
IC=0
-0.1
A
hFE 1
VCE= -2V, IC= -50mA
100
560
DC current gain
hFE 2
VCE=-2V, IC= -1A
40
Collector-emitter saturation voltage
VCE(sat)
IC=-0.5A,
IB= -50mA
-0.7
V
Base-emitter saturation voltage
VBE(sat)
IC=-0.5A,
IB= -50mA
-1.2
V
Transition frequency
f T
VCE= -10V,
IC=-50mA
VCB=-10V, f =
1MH
180
MHz
CLASSIFICATION OF hFE(1)
Rank
RS
T
U
Range
100-200
140-280
200-400
280-560
Collector output capacitance
25
pF
Cob
Marking 2SB1119 :
BB
2SD1619 :
DB
01-Jun-2002 Rev. A
Page 1 of 3


Similar Part No. - 2SD1619

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SD1619 SANYO-2SD1619 Datasheet
85Kb / 3P
LF Amp,Electronic Governor Applications
logo
Guangdong Kexin Industr...
2SD1619 KEXIN-2SD1619 Datasheet
51Kb / 1P
NPN Epitaxial Planar Silicon Transistor
logo
Inchange Semiconductor ...
2SD1619 ISC-2SD1619 Datasheet
260Kb / 2P
isc Silicon NPN Power Transistor
logo
SHIKUES Electronics
2SD1619 SKTECHNOLGY-2SD1619 Datasheet
845Kb / 3P
Power dissipation, Collector base voltage
logo
Guangdong Kexin Industr...
2SD1619-R KEXIN-2SD1619-R Datasheet
1Mb / 3P
NPN Transistors
More results

Similar Description - 2SD1619

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N5195 STMICROELECTRONICS-2N5195 Datasheet
61Kb / 5P
MEDIUM POWER PNP SILICON TRANSISTOR
Jun-1997
2N5195 STMICROELECTRONICS-2N5195_00 Datasheet
122Kb / 5P
MEDIUM POWER PNP SILICON TRANSISTOR
Dec-2000
logo
Microsemi Corporation
2N6193 MICROSEMI-2N6193 Datasheet
58Kb / 2P
PNP MEDIUM POWER SILICON TRANSISTOR
logo
SeCoS Halbleitertechnol...
2SA1213 SECOS-2SA1213 Datasheet
289Kb / 3P
PNP Silicon Medium Power Transistor
2SB1132 SECOS-2SB1132 Datasheet
162Kb / 3P
PNP Silicon Medium Power Transistor
2SB1188 SECOS-2SB1188 Datasheet
638Kb / 2P
PNP Silicon Medium Power Transistor
2SB772Q SECOS-2SB772Q Datasheet
86Kb / 2P
PNP Silicon Medium Power Transistor
BCP53 SECOS-BCP53 Datasheet
303Kb / 2P
PNP Silicon Medium Power Transistor
2SB1132 SECOS-2SB1132_10 Datasheet
177Kb / 3P
PNP Silicon Medium Power Transistor
2SB1188 SECOS-2SB1188_10 Datasheet
343Kb / 2P
PNP Silicon Medium Power Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com