Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54F30 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN54F30
Description  8-INPUT POSITIVE-NAND GATES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54F30 Datasheet(HTML) 1 Page - Texas Instruments

  SN54F30 Datasheet HTML 1Page - Texas Instruments SN54F30 Datasheet HTML 2Page - Texas Instruments SN54F30 Datasheet HTML 3Page - Texas Instruments SN54F30 Datasheet HTML 4Page - Texas Instruments SN54F30 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SN54F30, SN74F30
8-INPUT POSITIVE-NAND GATES
SDFS043A – MARCH 1987 – REVISED OCTOBER 1993
Copyright
© 1993, Texas Instruments Incorporated
2–1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
• Package Options Include Plastic
Small-Outline Packages, Ceramic Chip
Carriers, and Standard Plastic and Ceramic
300-mil DIPs
description
These devices contain a single 8-input NAND
gate. They perform the Boolean functions
Y = A
• B • C • D • E • F • G • H or
Y = A + B + C + D + E + F + G + H in positive logic.
The SN54F30 is characterized for operation over
the full military temperature range of – 55
°C to
125
°C. The SN74F30 is characterized for
operation from 0
°C to 70°C.
FUNCTION TABLE
INPUTS
A–H
OUTPUT
Y
All inputs H
L
One or more inputs L
H
logic symbol†
&
Y
8
1
A
2
B
3
C
4
D
5
E
6
F
11
G
12
H
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and
IEC Publication 617-12.
logic diagram (positive logic)
Y
8
1
A
2
B
3
C
4
D
5
E
6
F
11
G
12
H
Pin numbers shown are for the D, J, and N packages.
SN54F30 ...J PACKAGE
SN74F30 ...D OR N PACKAGE
(TOP VIEW)
SN54F30 . . . FK PACKAGE
(TOP VIEW)
32
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
H
NC
G
NC
NC
C
NC
D
NC
E
NC – No internal connection
1
2
3
4
5
6
7
14
13
12
11
10
9
8
A
B
C
D
E
F
GND
VCC
NC
H
G
NC
NC
Y
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN54F30

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54F30J TI-SN54F30J Datasheet
777Kb / 16P
8-INPUT POSITIVE-NAND GATES
More results

Similar Description - SN54F30

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
54ACT11030 TI-54ACT11030 Datasheet
63Kb / 5P
8-INPUT POSITIVE-NAND GATES
REVISED APRIL 1993
SN5430 TI-SN5430 Datasheet
621Kb / 15P
8-INPUT POSITIVE-NAND GATES
SN54ALS30A TI-SN54ALS30A Datasheet
94Kb / 6P
8-INPUT POSITIVE-NAND GATES
SN54ALS30A TI-SN54ALS30A_07 Datasheet
574Kb / 19P
8-INPUT POSITIVE-NAND GATES
SN54ALS30A TI-SN54ALS30A_08 Datasheet
695Kb / 18P
8-INPUT POSITIVE-NAND GATES
SNJ54F30 TI-SNJ54F30 Datasheet
777Kb / 16P
8-INPUT POSITIVE-NAND GATES
54AC11030 TI1-54AC11030_09 Datasheet
81Kb / 5P
8-INPUT POSITIVE-NAND GATES
54ACT11030 TI1-54ACT11030_12 Datasheet
393Kb / 7P
8-INPUT POSITIVE-NAND GATES
SN54ALS30A TI1-SN54ALS30A_15 Datasheet
1Mb / 19P
8-INPUT POSITIVE-NAND GATES
SN54ALS30A TI1-SN54ALS30A_18 Datasheet
1Mb / 21P
8-INPUT POSITIVE-NAND GATES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com