Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC1815W Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SC1815W
Description  NPN Transistor Epitaxial Planar Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SC1815W Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2SC1815W Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SC1815W Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Any changing of specification will not be informed individual
2SC1815W
NP
N Transistor
Epitaxial Planar Transistor
RoHS Compliant Product
http://www.SeCoSGmbH.com
Elektronische Bauelemente
The 2SC1815W is designed for use in
driver stage of AF amplifier and general
purpose amplificaion.
Description
ELECTRICAL CHARACTERISTICS Tamb=25
unless otherwise specified
Parameter
Symbol
Min
Typ.
Max
Uni
Test Conditions
Collector-Base Breakdown Voltage
BVCBO
-
-
V
IC= 100
VEB=5V
µA
IC= 1mA
IE= 10µA
VCB= 60V
IC=
VCE= V, IC=
VCE=
V, IC= 1mA,f=100MHz
VCB=10 , f=1MHz
BVCEO
50
-
-
V
BVEBO
-
-
V
ICBO
-
-
100
nA
-
VCE(sat)
-
hFE2
*
fT
-
MH
Cob
-
pF
z
Collector-Emitter Breakdown Voltage
Emitter-Base Breakdown Voltage
Collector-Base Cutoff Current
Collector Saturation Voltage
DC Current Gain
Gain-Bandwidth Product
Output Capacitance
t
60
5
250
100
mV
100mA,IB=10mA
6
150mA
10
V
C
25
-
80
3.5
*Pulse width 380 s, Duty Cycle 2%
µ
*
-
-
o
IEBO
Emitter-Base Cutoff Current
-
nA
Classification of hFE
Rank
C4Y
C4G
120~240
200~400
Range
C4B
350~700
IC=
VBE(sat)
-
Base Saturation Voltage
1
V
100mA,IB=10mA
*
VCE= V, IC=
hFE1
*
6
2mA
120
-
700
-
-
-
MAXIMUM RATINGS
Symbol
Parameter
Value
Collector Current
5
225
55~+150
50
60
150
IC
Tstg
TJ,
Junction and
Total Power Dissipation
VEBO
PD
Emitter-Base Voltage
V
mA
mW
Storage Temperature
-
C
O
VCEO
Collector-Emitter Voltage
V
VCBO
Collector-Base Voltage
V
Units
ABSOLUTE
Ta=25C
o
01-Jun-2002 Rev. A
Page 1 of 2
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
0.80
1.10
L1
0.42 REF.
A1
0
0.10
L
0.15
0.35
A2
0.80
1.00
b
0.25
0.40
D
1.80
2.20
c
0.10
0.25
E
1.15
1.35
e
0.65 REF.
HE
1.80
2.40
Q1
0.15 BSC.


Similar Part No. - 2SC1815W

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC1815 TOSHIBA-2SC1815 Datasheet
212Kb / 3P
Silicon NPN Epitaxail Type(for Audio Frequency General Purpose Amplifier Applications)
logo
Micro Electronics
2SC1815 MICRO-ELECTRONICS-2SC1815 Datasheet
168Kb / 2P
NPN SILICON TRANSISTOR
logo
Toshiba Semiconductor
2SC1815 TOSHIBA-2SC1815 Datasheet
142Kb / 4P
Audio Frequency Voltage Amplifier Applications Low Noise Amplifier Applications
2SC1815 TOSHIBA-2SC1815 Datasheet
602Kb / 4P
Silicon NPN Epitaxial Type (PCT process)
logo
Guangdong Kexin Industr...
2SC1815 KEXIN-2SC1815 Datasheet
142Kb / 2P
NPN Transistor
More results

Similar Description - 2SC1815W

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC3542T KEC-KTC3542T Datasheet
90Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR
logo
Unisonic Technologies
2SC1384 UTC-2SC1384 Datasheet
70Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
2SD1609 UTC-2SD1609 Datasheet
85Kb / 4P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
List of Unclassifed Man...
GMBT5551 ETC2-GMBT5551 Datasheet
175Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GMBTA42 ETC2-GMBTA42 Datasheet
194Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
GBC847 GTM-GBC847 Datasheet
236Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GBC848 GTM-GBC848 Datasheet
221Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GESD1060 GTM-GESD1060 Datasheet
424Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
GI41C GTM-GI41C Datasheet
150Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
SeCoS Halbleitertechnol...
BC817W SECOS-BC817W Datasheet
779Kb / 2P
NPN Transistor Epitaxial Planar Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com