Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC3279 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SC3279
Description  NPN Transistor Plastic-Encapsulate Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SC3279 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2SC3279 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SC3279 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
4.55±0.2
3.5±0.2
2.54±0.1
(1.27 Typ.)
0.46+0.1
–0.1
0.43+0.08
–0.07
1
3
2
1: Emitter
2: Collector
3: Base
1.25–0.2
+0.2
URES
High DC current gain and excellent hFE linearity
Low saturation voltage
FEAT
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
Parameter
Symbol
Value
Units
01-Jun-2002 Rev. A
Page 1 of 2
TO-92
2SC3279
NPN Transistor
Plastic-Encapsulate Transistors
Collector-Base Voltage
VCBO
30
V
Collector-Emitter Voltage
VCEO
10
V
Emitter-Base Voltage
VEBO
6
V
Collector Current Continuous
IC
2
A
Collector Power Dissipation
PC
750
mW
Junction, Storage Temperature
TJ, TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Collector-Base Breakdown Voltage
V(BR)CBO
IC = 1mA, IE = 0
30
V
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC = 10mA, IB = 0
10
V
Emitter-Base Breakdown Voltage
V(BR)EBO
IE = 1mA, IC = 0
6
V
Collector Cut-off Current
ICBO
VCB = 30V, IE = 0
0.1
A
Emitter Cut-off Current
IEBO
VEB = 6V, IC = 0
0.1
A
DC Current Gain
hFE
VCE = 1V, IC = 0.5A
140
600
Collector-Emitter Saturation Voltage
VCE(sat)
IC = 2A, IB = 100mA
0.82
V
Base-Emitter Voltage
VBE
IC = 2A, VCE = 1V
1.5
V
Collector Power Dissipation
Cob
VCB = 10V, IE = 0, f = 1MHz
27
pF
Transition Frequency
fT
VCE = 1V, IC = 0.5A
150
MHz
CLASSIFICATION OF hFE
Rank
L
M
N
P
Range
140-240
200-330
300-450
420-600
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - 2SC3279

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC3279 TOSHIBA-2SC3279 Datasheet
163Kb / 3P
NPN EPITAXIAL TYPE (STOROBO FLASH, MEDIUM POWER AMPLIFIER APPLICATIONS)
2SC3279 TOSHIBA-2SC3279 Datasheet
335Kb / 3P
Silicon NPN Epitaxial Type (PCT process) Strobe Flash Applications
logo
SeCoS Halbleitertechnol...
2SC3279 SECOS-2SC3279 Datasheet
295Kb / 2P
NPN Plastic Encapsulated Transistor
logo
SHENZHEN YONGERJIA INDU...
2SC3279 WINNERJOIN-2SC3279 Datasheet
125Kb / 1P
TRANSISTOR (NPN)
logo
Jiangsu Changjiang Elec...
2SC3279 JIANGSU-2SC3279 Datasheet
501Kb / 3P
TO-92 Plastic-Encapsulate Transistors
More results

Similar Description - 2SC3279

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2SC5343 SECOS-2SC5343 Datasheet
96Kb / 2P
NPN Transistor Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
BC337-16 MCC-BC337-16 Datasheet
125Kb / 3P
NPN Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
S9018T SECOS-S9018T Datasheet
110Kb / 1P
NPN Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
BCX55 MCC-BCX55 Datasheet
298Kb / 3P
NPN Plastic-Encapsulate Transistors
KTC4075-O MCC-KTC4075-O Datasheet
311Kb / 4P
NPN Plastic-Encapsulate Transistors
logo
Bruckewell Technology L...
A42 BWTECH-A42 Datasheet
540Kb / 4P
NPN Plastic-Encapsulate Transistors
S9014 BWTECH-S9014 Datasheet
327Kb / 4P
NPN Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
2SC2712-O MCC-2SC2712-O_13 Datasheet
277Kb / 3P
NPN Plastic-Encapsulate Transistors
2SC2859-O MCC-2SC2859-O Datasheet
364Kb / 2P
NPN Plastic-Encapsulate Transistors
MMDT2222A MCC-MMDT2222A_13 Datasheet
282Kb / 5P
NPN Plastic-Encapsulate Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com