Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4081F Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SC4081F
Description  NPN Silicon General Purpose Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SC4081F Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2SC4081F Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SC4081F Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH 2SC4081F Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Any changing of specification will not be informed individual
2SC4081F
NPN Silicon
General Purpose Transistor
RoHS Compliant Product
·
Low Cob. Cob = 2.0 pF (Typ.)
·
Complements the 2SA1576A
COLLECTOR
3
1
BASE
2
EMITTER
Dim
Min
Max
A
1.800
2.200
B
1.150
1.350
C
0.800
1.000
D
0.300
0.400
G
1.200
1.400
H
0.000
0.100
J
0.100
0.250
K
0.350
0.500
L
0.590
0.720
S
2.000
2.400
V
0.280
0.420
All Dimension in mm
SOT-323
K
J
C
H
L
A
B S
G
V
3
1
2
D
Top View
1
2
3
http://www.SeCoSGmbH.com
Elektronische Bauelemente
01-Jun-2002 Rev. A
Page 1 of 3
Absolute Maximum Ratings at Ta = 25
Parameter
Symbol
Ratings
Unit
Junction Temperature
Tj
+150
Storage Temperature
Tstg
-55~+150
Collector to Base Voltage
VCBO
60
V
Collector to Emitter Voltage
VCEO
50
V
Emitter to Base Voltage
VEBO
7
V
Collector Current
IC
150
mA
Total Power Dissipation
PD
225
mW
Characteristics at Ta = 25
Parameter
Symbol
Min
Typ.
Max
Unit
Test Conditions
Collector-Base Breakdown Voltage
BVCBO
60
-
-
V
IC=50uA
Collector-Emitter Breakdown Voltage
BVCEO
50
-
-
V
IC=1mA
Emitter-Base Breakdown Voltage
BVEBO
7
-
-
V
IE=50uA
Collector-Emitter Breakdown Voltage
ICBO
-
-
100
nA
VCB=60V
Emitter-Base Cutoff Current
IEBO
-
-
100
nA
VEB=7V
Collector Saturation Voltage 1
VCE(sat)
-
-
400
mV
IC=50mA, IB=5mA
DC Current Gain
hFE
120
-
560
-
VCE=6V, IC=1mA
Gain-Bandwidth Product
fT
-
180
-
MHz
VCE=-12V, IC=2mA, f=100MHz
Output Capacitance
Cob
-
2
3.5
pF
VCB=-12V, f=1MHz, IE=0
Range
120 - 270
180 - 390
270 - 560
*Pulse Test: Pulse Width = 380us, Duty Cycle
2%
Classification of hFE
Rank
Q
R
S
Feature
Marking Code: 5BX
X = hFE Rank Code
≦


Similar Part No. - 2SC4081F

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2SC4081F SECOS-2SC4081F Datasheet
641Kb / 3P
NPN Plastic-Encapsulate Transistor
logo
Rohm
2SC4081FRA ROHM-2SC4081FRA Datasheet
1Mb / 9P
General purpose small signal amplifier(50V, 150mA)
20151009 - Rev.001
2SC4081FRAT106 ROHM-2SC4081FRAT106 Datasheet
1Mb / 9P
General purpose small signal amplifier(50V, 150mA)
20151009 - Rev.001
logo
SeCoS Halbleitertechnol...
2SC4081F SECOS-2SC4081F_11 Datasheet
641Kb / 3P
NPN Plastic-Encapsulate Transistor
2SC4081F SECOS-2SC4081F_15 Datasheet
553Kb / 3P
NPN Plastic-Encapsulate Transistor
More results

Similar Description - 2SC4081F

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
BC847A ZOWIE-BC847A Datasheet
79Kb / 4P
GENERAL PURPOSE TRANSISTOR NPN SILICON
BC849B ZOWIE-BC849B Datasheet
78Kb / 4P
GENERAL PURPOSE TRANSISTOR NPN SILICON
MMBT3906 ZOWIE-MMBT3906 Datasheet
107Kb / 5P
GENERAL PURPOSE TRANSISTOR NPN SILICON
logo
Weitron Technology
MMBT3904W WEITRON-MMBT3904W Datasheet
368Kb / 7P
General Purpose Transistor NPN Silicon
logo
SeCoS Halbleitertechnol...
2SC1213 SECOS-2SC1213 Datasheet
77Kb / 2P
NPN Silicon General Purpose Transistor
2SC2235 SECOS-2SC2235 Datasheet
181Kb / 2P
NPN Silicon General Purpose Transistor
2SC2412 SECOS-2SC2412 Datasheet
331Kb / 3P
NPN Silicon General Purpose Transistor
logo
SEMTECH ELECTRONICS LTD...
MMBT4401 SEMTECH_ELEC-MMBT4401 Datasheet
185Kb / 2P
NPN Silicon General Purpose Transistor
logo
Zowie Technology Corpor...
MMBT2222AGH ZOWIE-MMBT2222AGH Datasheet
84Kb / 5P
General Purpose Transistor NPN Silicon
logo
SeCoS Halbleitertechnol...
2SC4618 SECOS-2SC4618_11 Datasheet
456Kb / 2P
NPN Silicon General Purpose Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com