Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5585 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SC5585
Description  NPN Silicon General Purpose Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SC5585 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2SC5585 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SC5585 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Any changing of specification will not be informed individual
RoHS Compliant Product
2SC5585
NPN Silicon
General Purpose Transistor
FEATURES
Low VCE(sat) - VCE(sat) 250mV at IC = 200mA/IB=10mA
BX
MARKING CODE
High Current
Dim
Min
Max
A
1.50
1.70
B
0.78
0.82
C
0.80
0.82
D
0.28
0.32
G
0.90
1.10
H
0.00
0.10
J
0.10
0.20
K
0.35
0.41
L
0.49
0.51
S
1.50
1.70
All Dimension in mm
SOT-523
S
G
D
B
L
A
1
3
2
Top View
H
C
J
K
Elektronische Bauelemente
1.
Emitter
Maximum Ratings (Ta=25 oC unless otherwise specified)
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
(continuous)
Collector power dissipation
Junction temperature
Storage temperature
Parameter
VCBO
VCEO
VEBO
PC
Tj
Tstg
15
V
V
V
A
W
12
6
0.5
IC
0.15
-55~+150
-55~+150
Symbol
Value
Unit
Electrical Characteristics (Tamb=25 o C unless otherwise specified)
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
DC current
gain
Collector-emitter saturation voltage
Collector Output capacitance
Parameter
Symbol
BVCBO
BVCEO
BVEBO
ICBO
IEBO
hFE
VCE(sat)
fT
Cob
Min.
15
12
6
270
32
0
7.5
0.1
0.1
680
0.25
VIC=10
μA, IE=0
IC=1mA, IB=0
IE=10
μA, IC=0
VCB=15V, IE=0
VEB= 6V, IC=0
VCE=2V, IC=10mA
IC=200mA, IB=10mA
VCE=2V, IC=10mA, f=100MHz
VCB=10V, IE=0, f=1MHz
V
V
μA
μA
V
MHz
pF
Typ.
Max.
Unit
Conditions
Transition frequency
01-Jun-2002 Rev. A
Page 1 of 2
2. Base
3. Collector
oC
oC


Similar Part No. - 2SC5585

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC5585 ROHM-2SC5585 Datasheet
69Kb / 3P
Low frequency transistor (12V, 0.5A)
logo
Guangdong Kexin Industr...
2SC5585 KEXIN-2SC5585 Datasheet
35Kb / 1P
Low Frequency Transistor
logo
Weitron Technology
2SC5585 WEITRON-2SC5585 Datasheet
198Kb / 3P
NPN TRANSISTOR
logo
SeCoS Halbleitertechnol...
2SC5585 SECOS-2SC5585 Datasheet
204Kb / 2P
NPN Silicon General Purpose Transistor
logo
Galaxy Semi-Conductor H...
2SC5585 BILIN-2SC5585 Datasheet
166Kb / 4P
LOW FREQUENCY TRANSISTOR
More results

Similar Description - 2SC5585

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
BC847A ZOWIE-BC847A Datasheet
79Kb / 4P
GENERAL PURPOSE TRANSISTOR NPN SILICON
BC849B ZOWIE-BC849B Datasheet
78Kb / 4P
GENERAL PURPOSE TRANSISTOR NPN SILICON
MMBT3906 ZOWIE-MMBT3906 Datasheet
107Kb / 5P
GENERAL PURPOSE TRANSISTOR NPN SILICON
logo
Weitron Technology
MMBT3904W WEITRON-MMBT3904W Datasheet
368Kb / 7P
General Purpose Transistor NPN Silicon
logo
SeCoS Halbleitertechnol...
2SC1213 SECOS-2SC1213 Datasheet
77Kb / 2P
NPN Silicon General Purpose Transistor
2SC2235 SECOS-2SC2235 Datasheet
181Kb / 2P
NPN Silicon General Purpose Transistor
2SC2412 SECOS-2SC2412 Datasheet
331Kb / 3P
NPN Silicon General Purpose Transistor
logo
SEMTECH ELECTRONICS LTD...
MMBT4401 SEMTECH_ELEC-MMBT4401 Datasheet
185Kb / 2P
NPN Silicon General Purpose Transistor
logo
Zowie Technology Corpor...
MMBT2222AGH ZOWIE-MMBT2222AGH Datasheet
84Kb / 5P
General Purpose Transistor NPN Silicon
logo
SeCoS Halbleitertechnol...
2SC4618 SECOS-2SC4618_11 Datasheet
456Kb / 2P
NPN Silicon General Purpose Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com