Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD2142 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SD2142
Description  NPN Plastic Plastic-Encapsulate Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SD2142 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2SD2142 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SD2142 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Any changing of specification will not be informed individual
2SD2142
NPN Plastic
Plastic-Encapsulate Transistor
Dim
Min
Max
A
2.800
3.040
B
1.200
1.400
C
0.890
1.110
D
0.370
0.500
G
1.780
2.040
H
0.013
0.100
J
0.085
0.177
K
0.450
0.600
L
0.890
1.020
S
2.100
2.500
V
0.450
0.600
All Dimension in mm
SOT-23
K
J
C
H
L
A
B S
G
V
3
1
2
D
Top View
http://www.SeCoSGmbH.com
Elektronische Bauelemente
MAXIMUM RATINGS*
TA=25 unless otherwise noted
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
40
VCEO
Collector-Emitter Voltage
32
VEBO
Emitter-Base Voltage
12
IC
Collector Current -Continuous
mA
PC
Collector Dissipation
200
mW
V
V
V
300
TJ, Tstg
Junction and Storage Temperature
-55~150
C
C
o
o
01-Jun-2007 Rev. A
Page 1 of 2
FEATURES
Darlington connection for a high hFE
High input impedance
MARKING:R1M
ELECTRICAL CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC=100μA,IE=0
40
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=10mA,IB=0
32
V
Emitter-base breakdown voltage
V(BR)EBO
IE=100μA,IC=0
12
V
Collector cut-off current
ICBO
VCB=30V,IE=0
0.1
μA
Emitter cut-off current
IEBO
VEB=12V,IC=0
0.1
μA
DC current gain
hFE
VCE=3V,IC=100mA
5000
Collector-emitter saturation voltage
VCE(sat)
IC=200mA,IB=0.2mA
1.4
V
Transition frequency
fT
VCE=5V,IC=10mA,f=100MHz
200
MHz
Collector output capacitance
Cob
VCB=10V,IE=0,f=1MHz
2.5
pF
1.BASE
2.EMITTER
3.COLLECTOR
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - 2SD2142

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2SD2142 SECOS-2SD2142 Datasheet
335Kb / 2P
NPN Plastic-Encapsulate Transistor
logo
Shenzhen Jin Yu Semicon...
2SD2142 HTSEMI-2SD2142 Datasheet
430Kb / 1P
TRANSISOR (NPN)
logo
Jiangsu Changjiang Elec...
2SD2142 JIANGSU-2SD2142 Datasheet
271Kb / 1P
Plastic-Encapsulate Transistors
logo
Galaxy Semi-Conductor H...
2SD2142 BILIN-2SD2142 Datasheet
159Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
logo
Shenzhen Luguang Electr...
2SD2142 LUGUANG-2SD2142 Datasheet
1Mb / 2P
Silicon Epitaxial Planar Transistor
More results

Similar Description - 2SD2142

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
2SD2098 WEITRON-2SD2098 Datasheet
111Kb / 5P
NPN Plastic-Encapsulate Transistor
logo
SeCoS Halbleitertechnol...
2SC2883 SECOS-2SC2883 Datasheet
370Kb / 3P
NPN Plastic-Encapsulate Transistor
2SC4098 SECOS-2SC4098 Datasheet
83Kb / 1P
NPN Plastic-Encapsulate Transistor
2SC4116 SECOS-2SC4116 Datasheet
172Kb / 3P
NPN Plastic-Encapsulate Transistor
2SC4215 SECOS-2SC4215 Datasheet
195Kb / 3P
NPN Plastic-Encapsulate Transistor
2SC4373 SECOS-2SC4373 Datasheet
77Kb / 1P
NPN Plastic-Encapsulate Transistor
2SD602 SECOS-2SD602_11 Datasheet
1Mb / 3P
NPN Plastic-Encapsulate Transistor
BC847AT SECOS-BC847AT Datasheet
169Kb / 3P
NPN Plastic Encapsulate Transistor
2SD602 SECOS-2SD602 Datasheet
1Mb / 3P
NPN Plastic-Encapsulate Transistor
BC846W SECOS-BC846W Datasheet
909Kb / 4P
NPN Plastic Encapsulate Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com