Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC557 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # BC557
Description  Elektronische Bauelemente
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BC557 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BC557 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BC557 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH BC557 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Any changing of specification will not be informed individual
BC556, B, C
1 2
TO-92
1. COLLECTOR
2. BASE
.
EMITTER
1
2
3
3
3
Elektronische Bauelemente
BC557, A, B, C
BC558, A, B, C
FEATURES
Power dissipation
PCM:
0.625
W (Tamb=25
℃)
Collector current
ICM:
- 0.1
A
Collector-base voltage
VCBO:
BC5
56
-80
V
BC5
57
-50
V
BC5
58
-30
V
Operating and storage junction temperature range
TJ, Tstg: -55
℃ to +150℃
ELECTRICAL
CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
MAX
UNIT
Collector-base breakdown voltage
BC5
56
BC5
57
BC5
58
VCBO
Ic=
-100µA , IE=0
-80
-50
-30
V
Collector-emitter breakdown voltage
BC5
56
BC5
57
BC5
58
VCEO = - 2mA, IB=0
-65
-45
-30
V
Emitter-base breakdown voltage
VEBO
IE= -100µA, IC=0
-6
V
Collector cut-off current
BC5
56
BC5
57
BC5
58
ICBO
VCB= -70V, IE=0
VCB= -45 V, IE=0
VCB= -25V, IE=0
-0.1
µA
Collector cut-off current
BC5
56
BC5
57
BC5
58
ICEO
VCE= -60 V, IB=0
VCE= -40 V, IB=0
VCE= -25 V, IB=0
-0.1
µA
Emitter cut-off current
BC5
56
BC5
57
BC5
58
IEBO
VEB= -5V, IC=0
-0.1
µA
DC current gain
BC5
56
BC5
57
BC5
58
BC5
57A/558A
BC5
56B/BC557B/BC558B
BC5
56C/BC557C/BC558C
hFE(1)
VCE=-5V, IC= -2mA
1
20
1
20
1
20
1
20
180
420
500
800
800
220
4
60
800
Collector-emitter saturation voltage
VCE(sat)
I C=-100 mA, IB= -5mA
-0.3
V
Base-emitter saturation voltage
VBE(sat)
I C= -100 mA, IB=-5mA
-1
V
Transition frequency
f T
VCE= -5V, IC= -10mA
f = 100MHz
150
MHz
PNP Transistor
01-Jun-2002 Rev. A
Page 1 of 3
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - BC557

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC557 PHILIPS-BC557 Datasheet
47Kb / 8P
PNP general purpose transistors
1999 Apr 15
logo
Semtech Corporation
BC557 SEMTECH-BC557 Datasheet
370Kb / 5P
PNP Silicon Epitaxial Planar Transistor for switching and AF applications???
logo
Siemens Semiconductor G...
BC557 SIEMENS-BC557 Datasheet
213Kb / 6P
PNP SILICON TRANSISTORS
logo
Boca Semiconductor Corp...
BC557 BOCA-BC557 Datasheet
58Kb / 3P
PNP SILICON PLANAR EPITAXIAL TRANSISTORS
logo
General Semiconductor
BC557 GE-BC557 Datasheet
253Kb / 6P
Small Signal Transistors (PNP)
More results

Similar Description - BC557

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BC546 SECOS-BC546 Datasheet
183Kb / 3P
Elektronische Bauelemente
3DD13003B SECOS-3DD13003B Datasheet
523Kb / 2P
NPN Plastic-Encapsulated Elektronische Bauelemente Transistor
2SD1271A SECOS-2SD1271A_15 Datasheet
595Kb / 2P
NPN Plastic-Encapsulated Elektronische Bauelemente Transistor
BC212 SECOS-BC212_15 Datasheet
72Kb / 1P
PNP Plastic Encapsulated Elektronische Bauelemente Transistor
BC556 SECOS-BC556_15 Datasheet
314Kb / 3P
Elektronische Bauelemente
BC846A SECOS-BC846A_15 Datasheet
307Kb / 3P
Elektronische Bauelemente
BC856A SECOS-BC856A_15 Datasheet
263Kb / 3P
Elektronische Bauelemente
BC856AW SECOS-BC856AW_15 Datasheet
449Kb / 5P
Elektronische Bauelemente
BCPA1666 SECOS-BCPA1666_15 Datasheet
78Kb / 1P
PNP Plastic Encapsulated Elektronische Bauelemente Transistor
KTC1027 SECOS-KTC1027_15 Datasheet
57Kb / 1P
NPN Plastic Encapsulated Elektronische Bauelemente Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com